Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9516-0 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9516-0
Szczegółowy opis  14-Output Clock Generator with Integrated 2.8 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9516-0 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9516-0_07 Datasheet HTML 6Page - Analog Devices AD9516-0_07 Datasheet HTML 7Page - Analog Devices AD9516-0_07 Datasheet HTML 8Page - Analog Devices AD9516-0_07 Datasheet HTML 9Page - Analog Devices AD9516-0_07 Datasheet HTML 10Page - Analog Devices AD9516-0_07 Datasheet HTML 11Page - Analog Devices AD9516-0_07 Datasheet HTML 12Page - Analog Devices AD9516-0_07 Datasheet HTML 13Page - Analog Devices AD9516-0_07 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
AD9516-0
Rev. 0 | Page 10 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO = 2.55 GHz; OUTPUT = 2.55 GHz
@ 1 kHz Offset
−51
dBc/Hz
@ 10 kHz Offset
−80
dBc/Hz
@ 100 kHz Offset
−106
dBc/Hz
@ 1 MHz Offset
−125
dBc/Hz
@ 10 MHz Offset
−142
dBc/Hz
@ 40 MHz Offset
−146
dBc/Hz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is
clean, so a wider PLL loop bandwidth is
used; reference = 15.36 MHz; R = 1
VCO = 2.95 GHz; LVPECL = 491.52 MHz; PLL LBW = 75 kHz
148
fS rms
Integration BW = 200 kHz to 10 MHz
342
fS rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.95 GHz; LVPECL = 122.88 MHz; PLL LBW = 75 kHz
212
fS rms
Integration BW = 200 kHz to 10 MHz
320
fS rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.70 GHz; LVPECL = 122.88 MHz; PLL LBW = 187 kHz
184
fS rms
Integration BW = 200 kHz to 10 MHz
304
fS rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.70 GHz; LVPECL = 61.44 MHz; PLL LBW = 187 kHz
221
fS rms
Integration BW = 200 kHz to 10 MHz
345
fS rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.58 GHz; LVPECL = 61.44 MHz; PLL LBW = 75 kHz
210
fS rms
Integration BW = 200 kHz to 10 MHz
334
fS rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO)
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is
jittery, so a narrower PLL loop bandwidth
is used; reference = 19.44 MHz; R = 1
VCO = 2.80 GHz; LVPECL = 155.52 MHz; PLL LBW = 12.8 kHz
513
fS rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.95 GHz; LVPECL = 77.76 MHz; PLL LBW = 12.8 kHz
544
fS rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO)
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using an
external 245.76 MHz VCXO (Toyocom TCO-2112);
reference = 15.36 MHz; R = 1
LVPECL = 245.76 MHz; PLL LBW = 125 Hz
54
fS rms
Integration BW = 200 kHz to 5 MHz
77
fS rms
Integration BW = 200 kHz to 10 MHz
109
fS rms
Integration BW = 12 kHz to 20 MHz
LVPECL = 122.88 MHz; PLL LBW = 125 Hz
79
fS rms
Integration BW = 200 kHz to 5 MHz
114
fS rms
Integration BW = 200 kHz to 10 MHz
163
fS rms
Integration BW = 12 kHz to 20 MHz


Podobny numer części - AD9516-0_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
More results

Podobny opis - AD9516-0_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD95160 AD-AD95160 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-0BCPZ AD-AD9517-0BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
AD9517-0ABCPZ AD-AD9517-0ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-0 AD-AD9517-0_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com