Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8667ARZ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8667ARZ-REEL
Szczegółowy opis  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8667ARZ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8667ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8667
Rev. 0 | Page 8 of 16
60
50
40
30
20
10
0
500
CAPACITANCE (pF)
OS+
OS–
10
100
VSY = ±8V
RL = 10kΩ
Figure 14. Small Signal Overshoot vs. Load Capacitance
600
500
400
300
200
100
0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
16V
5V
Figure 15. Supply Current vs. Temperature
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
1
234
56
78
9
10
TIME (1s/DIV)
VSY = ±8V
Figure 16. 0.1 Hz to 10 Hz Input Voltage Noise
VSY = ±8V
AV = 1
CL = 200pF
RL = 10kΩ
TIME (2µs/DIV)
Figure 17. Small Signal Transient Response
VSY = ±8V
AV = 1
CL = 200pF
RL = 2kΩ
TIME (20µs/DIV)
Figure 18. Large Signal Transient Response
VSY = ±8V
AV = –100
TIME (20µs/DIV)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
27
22
17
12
7
2
–3
–8
–13
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 19. Positive Overload Recovery


Podobny numer części - AD8667ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARZ-REEL1 AD-AD8667ARZ-REEL1 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8667ARZ-REEL7 AD-AD8667ARZ-REEL7 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ-REEL7 AD-AD8667ARZ-REEL7 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
More results

Podobny opis - AD8667ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8667 AD-AD8667_15 Datasheet
850Kb / 16P
   16 V, 250 A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com