Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADATE207BBP Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADATE207BBP
Szczegółowy opis  Quad Pin Timing Formatter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBP Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADATE207BBP Datasheet HTML 2Page - Analog Devices ADATE207BBP Datasheet HTML 3Page - Analog Devices ADATE207BBP Datasheet HTML 4Page - Analog Devices ADATE207BBP Datasheet HTML 5Page - Analog Devices ADATE207BBP Datasheet HTML 6Page - Analog Devices ADATE207BBP Datasheet HTML 7Page - Analog Devices ADATE207BBP Datasheet HTML 8Page - Analog Devices ADATE207BBP Datasheet HTML 9Page - Analog Devices ADATE207BBP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADATE207
Rev. 0 | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD
−0.3 V to +2.8 V
Digital Inputs
−0.3 V to VDD + 0.3 V
Resistor Termination pins
−0.3 to VDD + 0.3 V
Resistor Termination Current
12 mA max
Termination Pad Current
12 mA max
Junction Temperature
125°C
Storage Temperature
−40 to 125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Recommended Operating/Environmental
Conditions
Parameter
Min
Typ
Max
Unit
VDD
2.375
2.5
2.625
V
Case Temperature (TC)
85
°C
Relative Humidity
(Noncondensing)
85
%
THERMAL RESISTANCE
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
256-Lead BGA_ED
1.5
°C/W
In Still Air
14.3
°C/W
200 LFPM
12.0
°C/W
400 LFPM
11.2
°C/W
BYPASSING SCHEME
For decoupling, best practice suggests that to preserve as much
of the plane-to-plane capacitance as possible, do not perforate
the planes for VSS and VDD. Secondly, it is advisable to decouple
VDD to VSS by using 0.1 μF high frequency ceramic capacitors.
The trace to the capacitor should be kept to an absolute minimum
length. It is recommend that one capacitor be placed in the
corner of the chip and one in the middle of each side for a total
of eight capacitors for VDD to VSS. Furthermore, decouple
IOVDD to IOVSS on each side of the device. It is recommended
that 10 μF tantalum or ceramic capacitors be used for low
frequency decoupling around the device. It is not important for
these capacitors to be close to the device.
Table 6. Data Table for 256-Lead Ball Grid Array, Thermally
Enhanced, 27 mm × 27 mm Body
Dimension
Minimum
(mm)
Nominal
(mm)
Maximum
(mm)
A
1.70
A1
0.50
0.60
0.70
A2
0.60
0.80
1.00
D
26.90
27.00
27.10
D1
24.03
24.13
24.23
E
26.90
27.00
27.10
E1
24.03
24.13
24.23
b
0.60
0.75
0.90
e
1.27
aaa
0.20
bbb
0.25
ccc
0.35
ddd
0.20
eee
0.30
fff
0.15
S
0.635
ESD CAUTION


Podobny numer części - ADATE207BBP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
More results

Podobny opis - ADATE207BBP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
logo
Fujitsu Component Limit...
MB8876A FUJITSU-MB8876A Datasheet
532Kb / 17P
   FLOPPY DISK FORMATTER / CONTROLLER (FDC)
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
logo
List of Unclassifed Man...
WD2797 ETC-WD2797 Datasheet
1Mb / 30P
   WD279X-02 FLOPPY DISK FORMATTER/CONTROLLER FAMILY
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Panasonic Semiconductor
PN304V PANASONIC-PN304V Datasheet
206Kb / 5P
   SI PIN QUAD PHOTODIODE
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com