Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1411YCPZ-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG1411YCPZ-REEL7
Szczegółowy opis  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1411YCPZ-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG1411YCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1411YCPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADG1411/ADG1412/ADG1413
Preliminary Technical Data
Rev. PrE | Page 6 of 17
DUAL SUPPLY
VDD = 5 V ± 10%, VSS = -5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 3.
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
3
Ω typ
VS = ±3.3V, IS = −10 mA; Figure 20
4
Ω max
VDD = +4.5 V, VSS = −4.5 V
On Resistance Match Between
Channels (∆RON)
0.1
Ω typ
VS = ±3.3 V , IS = −10 mA
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VS = −3 V/0 V/+3 V; IS = −10 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = ±4.5 V, VD =
4.5 V; Figure 21
±0.5
±2.5
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = ±4.5V, VD =
4.5 V; Figure 21
±0.5
±2.5
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = ±4.5V; Figure 22
±1
±5
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
tON
120
ns typ
RL = 300 Ω, CL = 35 pF
155
225
ns max
VS = 3 V; Figure 23
tOFF
45
ns typ
RL = 300 Ω, CL = 35 pF
65
85
ns max
VS = 3 V; Figure 23
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1413 only)
10
ns min
VS1 = VS2 = 8 V; Figure 24
Charge Injection
10
pC typ
VS = 0V, RS = 0 Ω, CL = 1 nF; Figure 25
Off Isolation
50
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 26
Channel-to-Channel Crosstalk
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
Total Harmonic Distortion + Noise
0.015
% typ
RL = 110 Ω, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
200
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 28
CS (Off)
35
pF typ
Vs = 0V, f = 1 MHz
CD (Off)
35
pF typ
Vs = 0V, f = 1 MHz
CD, CS (On)
150
pF typ
Vs = 0V, f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V , Vss = -5.5V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD
1.0
µA max
ISS
0.001
µA typ
Digital inputs = 5 V
1.0
µA max
VDD/VSS
±4.5/±16.5
V
min/max
Gnd = 0V
1 Guaranteed by design, not subject to production test.


Podobny numer części - ADG1411YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results

Podobny opis - ADG1411YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com