Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1412YRUZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG1412YRUZ
Szczegółowy opis  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1412YRUZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG1412YRUZ Datasheet HTML 4Page - Analog Devices ADG1412YRUZ Datasheet HTML 5Page - Analog Devices ADG1412YRUZ Datasheet HTML 6Page - Analog Devices ADG1412YRUZ Datasheet HTML 7Page - Analog Devices ADG1412YRUZ Datasheet HTML 8Page - Analog Devices ADG1412YRUZ Datasheet HTML 9Page - Analog Devices ADG1412YRUZ Datasheet HTML 10Page - Analog Devices ADG1412YRUZ Datasheet HTML 11Page - Analog Devices ADG1412YRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADG1411/ADG1412/ADG1413
Preliminary Technical Data
Rev. PrE | Page 8 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1
D1
S4
S1
VSS
D3
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADG1411
ADG1412
ADG1413
S2
D2
GND
VDD
NC
IN4
D4
S3
IN2
IN3
Figure 2. TSSOP Pin Configuration
ADG1411
ADG1412
ADG1413
TOP VIEW
(Not to Scale)
11
9
8
7
6
5
4
3
2
1
12
13
14
15
16
10
D4
Vss
S3
S4
S1
S2
IN4
D1
NC
Vdd
Gnd
IN3 D3
IN1 IN2 D2
EXPOSED PAD TIED TO SUBSTRATE, Vss
NC = NO CONNECT
Figure 3. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
IN1
Logic Control Input.
2
16
D1
Drain Terminal. Can be an input or output.
3
1
S1
Source Terminal. Can be an input or output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Source Terminal. Can be an input or output.
7
5
D4
Drain Terminal. Can be an input or output.
8
6
IN4
Logic Control Input.
9
7
IN3
Logic Control Input.
10
8
D3
Drain Terminal. Can be an input or output.
11
9
S3
Source Terminal. Can be an input or output.
12
10
NC
No Connection.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Source Terminal. Can be an input or output.
15
13
D2
Drain Terminal. Can be an input or output.
16
14
IN2
Logic Control Input.
Table 6. ADG1411/ADG1412 Truth Table
ADG1411 INx
ADG1412 INx
Switch Condition
0
1
On
1
0
Off
Table 7. ADG1413 Truth Table
Logic - INx
Switch 1, 4
Switch 2, 3
0
Off
On
1
On
Off


Podobny numer części - ADG1412YRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412LYCPZ-REEL7 AD-ADG1412LYCPZ-REEL7 Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
More results

Podobny opis - ADG1412YRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com