Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3197JCPZ-RL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADP3197JCPZ-RL
Szczegółowy opis  6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3197JCPZ-RL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADP3197JCPZ-RL Datasheet HTML 3Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 4Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 5Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 6Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 7Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 8Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 9Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 10Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP3197
Rev. 0 | Page 7 of 32
Pin No.
Mnemonic
Description
21 to 23
PWM3 to
PMW1
Logic Level PWM Outputs. Each output is connected to the input of an external MOSFET driver, such as the
ADP3120. Connecting the PWM3 output to VCC causes that phase to turn off, allowing the ADP3197 to operate
as a 2-phase or 3-phase controller.
24
VCC
A 340 Ω resistor should be placed between the 12 V system supply and the VCC pin. The internal shunt regulator
maintains VCC = 5 V.
25 to 30
VID5 to VID0
Voltage Code DAC Inputs. These six pins are pulled down to GND, providing a Logic 0 if left open. When in normal
operation mode, the DAC output programs the FB regulation voltage from 0.3750 V and 1.55 V (see Table 4).
31
TTSENSE
VR Hot Thermal Throttling Sense Input. An NTC thermistor between this pin and GND is used to remotely sense
the temperature at the desired thermal monitoring point.
32
VRHOT
Open-Drain Output. This output signals when the temperature at the monitoring point connected to TTSENSE
exceeds the maximum operating temperature. This can be connected to the PROCHOT# (a PC system signal)
output from the CPU.


Podobny numer części - ADP3197JCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Podobny opis - ADP3197JCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com