Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR1581 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADR1581
Szczegółowy opis  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR1581 Arkusz danych(HTML) 5 Page - Analog Devices

  ADR1581 Datasheet HTML 1Page - Analog Devices ADR1581 Datasheet HTML 2Page - Analog Devices ADR1581 Datasheet HTML 3Page - Analog Devices ADR1581 Datasheet HTML 4Page - Analog Devices ADR1581 Datasheet HTML 5Page - Analog Devices ADR1581 Datasheet HTML 6Page - Analog Devices ADR1581 Datasheet HTML 7Page - Analog Devices ADR1581 Datasheet HTML 8Page - Analog Devices ADR1581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADR1581
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2000
1500
1000
500
0
–500
–1000
–1500
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
20ppm/°C
5ppm/°C
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
REVERSE VOLTAGE (V)
+125°C
+25°C
–40°C
Figure 7. Reverse Current vs. Reverse Voltage
Figure 4. Output Drift for Different Temperature Characteristics
7
6
5
4
3
2
1
0
–1
0.01
0.10
1.00
10
REVERSE CURRENT (mA)
+85°C
+25°C
–40°C
1
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
+85°C
+25°C
–40°C
Figure 8. Forward Voltage vs. Forward Current
Figure 5. Output Voltage Error vs. Reverse Current
FREQUENCY (Hz)
600
200
400
1.0
10
100
1k
10k
100k
1M
Figure 6. Noise Spectral Density


Podobny numer części - ADR1581

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR1581 AD-ADR1581 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581ARTZ-R21 AD-ADR1581ARTZ-R21 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581ARTZ-REEL71 AD-ADR1581ARTZ-REEL71 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-R21 AD-ADR1581BRTZ-R21 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Podobny opis - ADR1581

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com