Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS610 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS610
Szczegółowy opis  ±300°/sec Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXRS610
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
16
0
2
4
6
8
10
12
14
VOLTS
Figure 4. Null Output at 25°C (VRATIO = 5 V)
25
0
5
10
15
20
(°/sec/°C)
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
30
0
5
10
15
20
25
5.35.45.55.65.75.85.96.06.16.26.36.46.56.6 6.7
(mV/°/sec)
Figure 6. Sensitivity at 25°C (VRATIO = 5 V)
25
0
5
10
15
20
–7
–5 –4
–6
–3 –2 –1
0
1
2
3
4
5
6
7
% DRIFT
Figure 7. Sensitivity Drift over Temperature
45
40
35
30
25
0
5
10
15
20
–570
–530
–490
–450
–370
–410
–330
(mV)
Figure 8. ST1 Output Change at 25°C (VRATIO = 5 V)
45
40
35
30
25
0
5
10
15
20
330
370 390
350
410 430 450 470
510 530
490
550 570
(mV)
Figure 9. ST2 Output Change at 25°C (VRATIO = 5 V)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
HA-2520_0620MHz High Slew Rate Uncompensated High Input Impedance Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
ISL3170E±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
SL541HIGH SLEW RATE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2539_03600MHz Very High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
M2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 Unisonic Technologies
HA-2542_0270MHz High Slew Rate High Output Current Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADN2813Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp 1 2 3 4 5 MoreAnalog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl