Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS610 Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS610
Szczegółowy opis  ±300°/sec Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXRS610
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = −40°C to +105°C, VS = AVCC = VDD = 5 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 μF),
IOUT = 100 μA, ±1 g, unless otherwise noted.
Table 1.
ADXRS610BBGZ
Parameter
Conditions
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±300
°/sec
Initial and Over Temperature
−40°C to +105°C
5.52
6
6.48
mV/°/sec
Temperature Drift3
±2
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL1
Null
−40°C to +105°C
2.2
2.5
2.8
V
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
TA
≤ 25°C
0.05
°/sec/
√Hz
FREQUENCY RESPONSE
Bandwidth4
0.01
2500
Hz
Sensor Resonant Frequency
12
14.5
17
kHz
SELF TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−650
−450
−250
mV
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
250
450
650
mV
ST1 to ST2 Mismatch5
−5
+5
%
Logic 1 Input Voltage
3.3
V
Logic 0 Input Voltage
1.7
V
Input Impedance
To common
40
50
100
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.35
2.5
2.65
V
Scale Factor6
@25°C, VRATIO = 5 V
9
mV/
°C
Load to VS
25
k
Load to Common
25
k
TURN-ON TIME
Power on to ±½ °/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
μA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
4.75
5.00
5.25
V
Quiescent Supply Current
3.5
4.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1 Parameter is linearly ratiometric with VRATIO.
2 The maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or +25°C to 105°C.
4 Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not reduce noise further.
5 Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).
6 For a change in temperature from 25°C to 26°C. VTEMP is ratiometric to VRATIO. See the Tem
section for more details.
perature Output and Calibration




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
HA-2520_0620MHz High Slew Rate Uncompensated High Input Impedance Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
ISL3170E±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
SL541HIGH SLEW RATE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2539_03600MHz Very High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
M2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 Unisonic Technologies
HA-2542_0270MHz High Slew Rate High Output Current Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADN2813Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp 1 2 3 4 5 MoreAnalog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl