Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS614BBGZ Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS614BBGZ
Szczegółowy opis  ±50°/s Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXRS614
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
18
16
14
12
10
8
6
4
2
0
VOLTS
Figure 4. Null Output at 25°C (VRATIO = 5 V)
30
0
–0.6
0.6
–0.5
0.1
–0.4 –0.3
0
–0.2
0.5
0.4
0.3
0.2
–0.1
º/s/ºC
25
20
15
10
5
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
50
0
22
mV/º/s
45
40
35
30
25
20
15
10
5
22.5 23 23.5 24 24.5 25 25.5 26 26.5 27 27.5 28
Figure 6. Sensitivity at 25°C (VRATIO = 5 V)
35
0
DRIFT (%)
30
25
20
15
10
5
–10–9 –8 –7 –6 –5 –4 –3 –2 –1 0
3
6
8 9
5
12
4
7
10
Figure 7. Sensitivity Drift over Temperature
40
0
–1.3
VOLTS
35
30
25
20
15
10
5
–2.5 –2.4 –2.3 –2.2 –2.1 –2 –1.9 –1.8 –1.7 –1.6 –1.5 –1.4
Figure 8. ST1 Output Change at 25°C (VRATIO = 5 V)
40
0
VOLTS
35
30
25
20
15
10
5
2.5
1.3 1.4 1.5 1.6 1.7 1.8 1.9
2
2.1 2.2 2.3 2.4
Figure 9. ST2 Output Change at 25°C (VRATIO = 5 V)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2840_98600MHz Very High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL4489E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed and Slew Rate Limited Full Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
HA-2520_0620MHz High Slew Rate Uncompensated High Input Impedance Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl