Zakładka z wyszukiwarką danych komponentów |
|
TMP470R1B512PGE Arkusz danych(PDF) 8 Page - Analog Devices |
|
TMP470R1B512PGE Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 49 page www.ti.com TMS470R1B512 16/32-Bit RISC Flash Microcontroller SPNS107A – SEPTEMBER 2005 – REVISED AUGUST 2006 Table 2. Terminal Functions (continued) TERMINAL INTERNAL TYPE(1)(2) PULLUP/ DESCRIPTION NAME NO. PULLDOWN(3) GENERAL-PURPOSE I/O (GIO) GIOA[0]/INT0 39 3.3-V I GIOA[1]/INT1/ 40 ECLK GIOA[2]/INT2 41 GIOA[3]/INT3 42 GIOA[4]/INT4 36 GIOA[5]/INT5 35 GIOA[6]/INT6 34 GIOA[7]/INT7 33 GIOB[0] 46 GIOB[1] 58 GIOB[2] 59 GIOB[3] 60 General-purpose input/output pins. GIOB[4] 61 GIOA[0]/INT[0] is an input-only pin. GIOA[7:0]/INT[7:0] are GIOB[5] 77 IPD (20 µA) interrupt-capable pins. 3.3-V I/O GIOB[6] 78 The GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-out function of the external clock prescale (ECP) module. GIOB[7] 84 GIOC[0] 122 GIOC[1] 143 GIOC[2] 144 GIOC[3] 6 GIOC[4] 7 GIOC[5] 8 GIOC[6] 9 GIOC[7] 10 GIOD[0] 21 GIOD[1] 20 GIOD[2] 19 GIOD[3] 18 MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC) ADEVT 99 3.3-V I/O IPD (20 µA) MibADC event input. ADEVT can be programmed as a GIO pin. ADIN[0] 108 ADIN[1] 107 ADIN[2] 106 ADIN[3] 105 ADIN[4] 104 ADIN[5] 102 ADIN[6] 101 3.3-V I MibADC analog input pins ADIN[7] 100 ADIN[8] 115 ADIN[9] 113 ADIN[10] 111 ADIN[11] 109 ADIN[12] 114 8 Submit Documentation Feedback |
Podobny numer części - TMP470R1B512PGE |
|
Podobny opis - TMP470R1B512PGE |