Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT646ADW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT646ADW
Szczegółowy opis  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT646ADW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ABT646ADW Datasheet HTML 2Page - Texas Instruments SN74ABT646ADW Datasheet HTML 3Page - Texas Instruments SN74ABT646ADW Datasheet HTML 4Page - Texas Instruments SN74ABT646ADW Datasheet HTML 5Page - Texas Instruments SN74ABT646ADW Datasheet HTML 6Page - Texas Instruments SN74ABT646ADW Datasheet HTML 7Page - Texas Instruments SN74ABT646ADW Datasheet HTML 8Page - Texas Instruments SN74ABT646ADW Datasheet HTML 9Page - Texas Instruments SN74ABT646ADW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN54ABT646A, SN74ABT646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS069H − JULY 1991 − REVISED MAY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT646A
SN74ABT646A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
3
V
VOH
VCC = 4.5 V
IOH = −24 mA
2
2
V
VCC = 4.5 V
IOH = −32 mA
2*
2
VOL
VCC = 4.5 V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
Control inputs
VCC = 5.5 V, VI = VCC or GND
±1
±1
±1
A
II
A or B ports
VCC = 5.5 V, VI = VCC or GND
±100
±100
±100
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
10§
10§
10§
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
−10§
−10§
−10§
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
−50
−100
−180
−50
−180
−50
−180
mA
VCC = 5.5 V,
Outputs high
250
250
250
µA
ICC
VCC = 5.5 V,
IO = 0,
V = V
or GND
Outputs low
30
30
30
mA
ICC
IO = 0,
VI = VCC or GND Outputs disabled
250
250
250
µA
∆ICC#
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
7
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
12
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ This data-sheet limit may vary among suppliers.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
SN54ABT646A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
125
125
MHz
tw
Pulse duration, CLK high or low
4
4
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
3
3.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1.5
1.5
ns


Podobny numer części - SN74ABT646ADW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT646ADW TI-SN74ABT646ADW Datasheet
155Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUPUTS
SN74ABT646ADW TI-SN74ABT646ADW Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74ABT646ADWR TI-SN74ABT646ADWR Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results

Podobny opis - SN74ABT646ADW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com