Zakładka z wyszukiwarką danych komponentów |
|
SN74AS175BNE4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74AS175BNE4 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 21 page SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR SDAS207E - APRIL 1982 - REVISED MAY 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range (unless otherwise noted) SN54AS174 SN54AS175B SN74AS174 SN74AS175B UNIT MIN MAX MIN MAX fclock* Clock frequency 100 100 MHz CLR low 5.5 5 t * Pulse duration CLK high 4 4 ns tw* Pulse duration CLK low ’AS174 6 6 ns CLK low ’AS175B 5 5 ↑ Data ’AS174 4 4 tsu* Setup time before CLK ↑ Data ’AS175B 3 3 ns CLR inactive 6 6 th* Hold time, data after CLK ↑ 1 1 ns * On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX† UNIT (INPUT) (OUTPUT) SN54AS174 SN74AS174 MIN MAX MIN MAX fmax* 100 100 MHz tPHL CLR Any Q 5 15 5 14 ns tPLH CLK Any Q 3.5 9.5 3.5 8 ns tPHL CLK Any Q 4.5 11.5 4.5 10 ns * On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested. † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX† UNIT (INPUT) (OUTPUT) SN54AS175B SN74AS175B MIN MAX MIN MAX fmax* 100 100 MHz tPLH CLR AQ Q 4 10 4 9 ns tPHL CLR Any Q or Q 4.5 15 4.5 13 ns tPLH CLK AnyQorQ 3 8.5 3 7.5 ns tPHL CLK Any Q or Q 3 11 3 10 ns * On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested. † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Podobny numer części - SN74AS175BNE4 |
|
Podobny opis - SN74AS175BNE4 |