Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PHE13003AU Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części PHE13003AU
Szczegółowy opis  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13003AU Arkusz danych(HTML) 3 Page - NXP Semiconductors

  PHE13003AU Datasheet HTML 1Page - NXP Semiconductors PHE13003AU Datasheet HTML 2Page - NXP Semiconductors PHE13003AU Datasheet HTML 3Page - NXP Semiconductors PHE13003AU Datasheet HTML 4Page - NXP Semiconductors PHE13003AU Datasheet HTML 5Page - NXP Semiconductors PHE13003AU Datasheet HTML 6Page - NXP Semiconductors PHE13003AU Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
Fig.3. Normalised power dissipation.
PD% = 100
⋅PD/PD
25˚C = f (Tmb)
!
Fig.4. Transient thermal impedance.
Zth
j-lead = f(t); parameter D = tp/T
Fig.5. Typical DC current gain. h
FE = f(IC)
parameter V
CE
Fig.6. Typical DC current gain. h
FE = f(IC)
parameter V
CE
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
300R
10us
1ms
0.1s
10ms
t / s
Zth j-mb / (K/W)
10
1
0.1
0.01
0
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
D=
VCE / V
min
VCEOsust
IC / mA
10
100
250
0
0.001
0.01
0.1
1
2
3
5
1
5
10
15
20
30
IC/A
HFE
VCE = 1V
25 C
-40 C
125 C
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
2
3
5
1
10
30
IC/A
HFE
VCE = 5V
25 C
-40 C
125 C
September 1999
3
Rev 1.000


Podobny numer części - PHE13003AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHE13003A NXP-PHE13003A Datasheet
155Kb / 11P
   Silicon diffused power transistor
Rev. 01-13 August 2009
logo
WeEn Semiconductors
PHE13003A WEEN-PHE13003A Datasheet
268Kb / 10P
   NPN power transistor
logo
NXP Semiconductors
PHE13003A PHILIPS-PHE13003A_15 Datasheet
157Kb / 12P
   NPN power transistor
Rev. 02-29 July 2010
More results

Podobny opis - PHE13003AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com