Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCF5801ADBQ Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCF5801ADBQ
Szczegółowy opis  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801ADBQ Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CDCF5801ADBQ Datasheet HTML 4Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 5Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 6Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 7Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 8Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 9Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 10Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 11Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
JITTER SPECIFICATION
CDCF5801A
SCAS816 – MARCH 2006
over recommended free-air temperature range and V
CC range (unless otherwise noted)
TEST CONDITIONS
PARAMETER
TYP (ps)
MAX (ps)
REFCLK
CLKOUT
MULT[0:1] P[0:2]
NOTES
(MHz)
(MHz)
Period rms (1-sigma jitter, full
25
25
11
001
20
48
frequency band)
Period p-p
120
225
Cycle to cycle +
70
165
Cycle to cycle -
70
165
RMS phase jitter (accumulated,
80
160
100 kHz-12.5 MHz)
Period rms (1-sigma jitter, full
50
50
11
001
7
15
frequency band)
Period p-p
37
75
Cycle to cycle +
27
55
Cycle to cycle -
27
55
Phase
RMS phase jitter (accumulated,
27
65
aligner
100 kHz-25 MHz)
running
(CLKOUT
Period rms (1-sigma jitter, full
100
100
00
010
5
14
tight to
frequency band)
LEADLAG;
Period p-p
30
65
REFCLK
t(jitter)
Cycle to cycle +
tight to
24
55
DLYCTRL).
Cycle to cycle -
24
55
All typical
RMS phase jitter (accumulated,
35
65
values are
100 kHz-40 MHz)
at
VDD = 3.3
Period rms (1-sigma jitter, full
156
156
00
010
4
8
V,
frequency band)
TA = 25°C.
Period p-p
20
40
Cycle to cycle +
17
40
Cycle to cycle -
17
40
RMS phase jitter (accumulated,
15
35
100 kHz-40 MHz)
Period rms (1-sigma jitter, full
200
200
01
011
8
15
frequency band)
Period p-p
38
60
Cycle to cycle +
5
55
Cycle to cycle -
35
55
RMS phase jitter (accumulated,
30
60
100 kHz-40 MHz)
8
Submit Documentation Feedback


Podobny numer części - CDCF5801ADBQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801 TI1-CDCF5801 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
CDCF5801DBQ TI-CDCF5801DBQ Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801DBQ TI1-CDCF5801DBQ Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
CDCF5801DBQG4 TI1-CDCF5801DBQG4 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
More results

Podobny opis - CDCF5801ADBQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com