Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM2520EH-SGD Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części AM2520EH-SGD
Szczegółowy opis  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520EH-SGD Arkusz danych(HTML) 2 Page - Kingbright Corporation

  AM2520EH-SGD Datasheet HTML 1Page - Kingbright Corporation AM2520EH-SGD Datasheet HTML 2Page - Kingbright Corporation AM2520EH-SGD Datasheet HTML 3Page - Kingbright Corporation AM2520EH-SGD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1628
REV NO: V.5
DATE: MAY/23/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102000016
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AM2520EH/SGD
Super Bright Green (GaP)
GREEN DIFFUSED
2.6
10
40
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Green
30
nm
IF=20mA
C
Capacitance
Super Bright Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Green
10
uA
VR = 5V
Parameter
Super Bright Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Podobny numer części - AM2520EH-SGD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AM2520EH-SGD5V KINGBRIGHT-AM2520EH-SGD5V Datasheet
175Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results

Podobny opis - AM2520EH-SGD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MBCK09 KINGBRIGHT-AM27MBCK09 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com