Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM50-0012TR-3000 Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części AM50-0012TR-3000
Szczegółowy opis  High Dynamic Range LNA 1700-2400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0012TR-3000 Arkusz danych(HTML) 4 Page - Tyco Electronics

  AM50-0012TR-3000 Datasheet HTML 1Page - Tyco Electronics AM50-0012TR-3000 Datasheet HTML 2Page - Tyco Electronics AM50-0012TR-3000 Datasheet HTML 3Page - Tyco Electronics AM50-0012TR-3000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Dynamic Range LNA
1700 - 2400 MHz
AM50-0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
3 mm 12-Lead PQFN
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Podobny numer części - AM50-0012TR-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0012TR-3000 MACOM-AM50-0012TR-3000 Datasheet
347Kb / 4P
   High Dynamic Range LNA
More results

Podobny opis - AM50-0012TR-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com