Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP16 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC100LVEP16
Szczegółowy opis  Clock Management Design Using Low Skew and Low Jitter Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP16 Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC100LVEP16 Datasheet HTML 1Page - ON Semiconductor MC100LVEP16 Datasheet HTML 2Page - ON Semiconductor MC100LVEP16 Datasheet HTML 3Page - ON Semiconductor MC100LVEP16 Datasheet HTML 4Page - ON Semiconductor MC100LVEP16 Datasheet HTML 5Page - ON Semiconductor MC100LVEP16 Datasheet HTML 6Page - ON Semiconductor MC100LVEP16 Datasheet HTML 7Page - ON Semiconductor MC100LVEP16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TND301
http://onsemi.com
6
Translators
Translators are required in Clock Management systems to
convert voltage levels and amplitudes to other voltage levels
and amplitudes to interface with other logic components.
These could be microprocessors, FPGAs, ASICs, or
Memory all of which could have ECL, CMOS, TTL, LVDS,
GTL, or HSTL inputs and outputs.
Figure 9. Voltage Level Translation
Voltage Level Translation
(High to Low or Low to High)
Voltage Level Translation with Amplitude Change
(Small/High to Large/Low or Large/Low to Small High)
Figure 10. Voltage Level and Amplitude Translation
V1
V2
V3
V1
V2
V3
V1
V2
V3
V1
V2
V3
OUT
OUT
IN
IN
OUT
OUT
IN
IN
TRANSLATOR TABLE
PECL/LVPECL
TTL/CMOS
LVDS
NECL
PECL/LVPECL
MC100EP16
MC100LVEP16
MC100LVEL92
MC100EPT21
MC100EPT23
MC100EPT26
MC100EP210S
MC100LVEL91
TTL/CMOS
MC100EPT20
MC100EPT22
MC100EPT24
LVDS
MC100LVEP16
MC100LVEP17
NECL
MC100EP90
MC100EPT25
NOTE: For more information, see application note AN1672.


Podobny numer części - MC100LVEP16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP16 ONSEMI-MC100LVEP16 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC100LVEP16D ONSEMI-MC100LVEP16D Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100LVEP16D ONSEMI-MC100LVEP16D Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC100LVEP16D ONSEMI-MC100LVEP16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEP16DG ONSEMI-MC100LVEP16DG Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results

Podobny opis - MC100LVEP16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com