Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE325S01 Arkusz danych(PDF) 5 Page - NEC

Numer części NE325S01
Szczegółowy opis  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

NE325S01 Arkusz danych(HTML) 5 Page - NEC

  NE325S01_02 Datasheet HTML 1Page - NEC NE325S01_02 Datasheet HTML 2Page - NEC NE325S01_02 Datasheet HTML 3Page - NEC NE325S01_02 Datasheet HTML 4Page - NEC NE325S01_02 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S01
NE325S01
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, ID = 10 mA
FREQ.
NFMIN
GA
Γ
Γ
Γ
Γ
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
2
0.29
20.0
0.93
14
0.38
4
0.30
18.3
0.80
29
0.33
6
0.32
16.5
0.65
48
0.25
8
0.35
15.0
0.49
72
0.18
10
0.40
13.6
0.36
102
0.11
12
0.45
12.5
0.27
139
0.08
14
0.53
12.0
0.24
-176
0.07
16
0.67
11.8
0.30
-122
0.10
18
0.83
11.5
0.47
-58
0.22
1. Source
2. Drain
3. Source
4. Gate
TYPICAL CONSTANT NOISE FIGURE
CIRCLE (VDS = 2 V, ID = 10 mA, f = 12 GHz)
PART
SUPPLY FORM
PACKAGE
NUMBER
OUTLINE
NE325S01
Bulk
S01
NE325S01-T1
Tape & Reel 1000 pcs./reel
S01
NE325S01-T1B
Tape & Reel 4000 pcs./reel
S01
ORDERING INFORMATION
1
0.6
0.2
0.2
1.0
0.8
0.6
1.0
2.0
0
-0.2
-0.6
-1
-2
2
5
-5
*
Γopt
1.9 ± 0.2
0.125 ± 0.05
4.0 ± 0.2
1.6
0.4 MAX
2.0 ± 0.2
0.65 TYP.
4
2
3
1
D
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
04/29/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.


Podobny numer części - NE325S01_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE325S01-T1 NEC-NE325S01-T1 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01-T1 CEL-NE325S01-T1 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01-T1B NEC-NE325S01-T1B Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01-T1B CEL-NE325S01-T1B Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Podobny opis - NE325S01_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com