Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13191 Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc

Numer części MC13191
Szczegółowy opis  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13191 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
2
Freescale Semiconductor
For more detailed information about MC13191 operation, refer to the MC13191 Reference Manual,
(MC13191RM).
Applications include, but are not limited to, the following:
Remote control and wire replacement in industrial systems such as wireless sensor networks
Factory automation and motor control
Energy Management (lighting, HVAC, etc.)
Asset tracking and monitoring
Potential consumer applications include:
Home automation and control (lighting, thermostats, etc.)
Human interface devices (keyboard, mice, etc.)
Remote control
Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifier (PA), PLL with internal voltage
controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and
decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0
MHz channels with 5.0 MHz channel spacing. The SPI port and interrupt request output are used for
receive (RX) and transmit (TX) data transfer and control.
2Features
802.15.4 Standard compliant transceiver supports 250 kbps O-QPSK data in 5.0 MHz channels and
full spread-spectrum encode/decode
Operates on one of 16 selectable channels in the 2.4 GHz band
Receive sensitivity of <-91 dBm (typical) at 1.0% packet error rate
Recommended power supply range: 2.0 to 3.4 V
0 dBm nominal output power, programmable from -27 dBm to 4 dBm typical
Buffered transmit and receive data packets for simplified use with low cost MCUs
Three power down modes for increased battery life:
— < 1.0 µA Off current
— 2.3 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
Two internal timer comparators available to supplement MCU resources
Programmable frequency clock output (CLKO) for use by MCU
Onboard trim capability for 16 MHz crystal reference oscillator eliminates the need for external
variable capacitors and allows for automated production frequency calibration.
Seven general purpose input/output (GPIO) signals
Operating temperature range: -40 °C to +85 °C
Small form factor QFN-32 Package


Podobny numer części - MC13191

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Podobny opis - MC13191

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com