Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14467P1 Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC14467P1
Szczegółowy opis  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467P1 Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC14467P1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467P1 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MC14467-1
Rev 5.0, 3/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Low-Power CMOS
Ionization Smoke Detector IC
The MC14467-1, when used with an ionization chamber and a small
number of external components, will detect smoke. When smoke is sensed,
an alarm is sounded via an external piezoelectric transducer and internal
drivers. This circuit is designed to operate in smoke detector systems that
comply with UL217 and UL268 specifications.
Features
Ionization Type with On-Chip FET Input Comparator
Piezoelectric Horn Driver
Guard Outputs on Both Sides of Detect Input
Input-Production Diodes on the Detect Input
Low-Battery Trip Point, Internally Set, can be Altered Via External
Resistor
Detect Threshold, Internally Set, can be Altered Via External Resistor
Pulse Testing for Low Battery Uses LED for Battery Loading
Comparator Outputs for Detect and Low Battery
Internal Reverse Battery Protection
Pb-Free Packaging Designated by Suffix Code ED and EG
ORDERING INFORMATION
Device
Case No.
Package
MC14467P1
648-08
Plastic Dip
MC14467ED1
MCZ14467EG/R2
751G-04
SOICW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N/C
LED
VDD
GUARD LO-Z
SILVER
BRASS
VSS
DETECT
COMP. OUT
LOW V SET
LOW V
COMP. OUT
TIMING
RESISTOR
FEEDBACK
OSC CAPACITOR
SENSITIVITY SET
DETECT INPUT
GUARD HI-Z
DETECT
COMP. OUT
N/C
LOW V SET
LOW V
COMP. OUT
LED
VDD
TIMING
RESISTOR
FEEDBACK
GUARD HI-Z
DETECT INPUT
GUARD LO-Z
SENSITIVITY
SET
OSC
CAPACITOR
SILVER
BRASS
VSS
MC14467-1
LOW-POWER CMOS
IONIZATION
SMOKE DETECTOR IC
P SUFFIX
ED SUFFIX
(PB-FREE)
16-LEAD
PLASTIC DIP
CASE 648-08
EG SUFFIX
(PB-FREE)
16-LEAD
SOICW
CASE 751G-04
9
10
11
12
13
14
15
16
Figure 1. Pin Connections
5
6
7
8
1
2
3
4


Podobny numer części - MC14467P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14467P1 FREESCALE-MC14467P1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467P1 NXP-MC14467P1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Podobny opis - MC14467P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com