Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33099EG Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MCZ33099EG
Szczegółowy opis  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099EG Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33099EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33099
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Duty Cycle Regulation Output Frequency
fOSC/256
FDC
300
375
440
Hz
Phase Rotation Detection Frequency
F1
44.28
49
53.8
Hz
Low/High RPM Transition Phase Frequency
F2
267.5
296
325
Hz
GATE Duty Cycle at Startup and WOT
fph > f2
DCSTART
30
31.25
34.5
%
Minimum GATE LRC Duty Cycle
fph < f2
DC(LRC)MIN
29
31.25
33.5
%
Minimum GATE Duty Cycle
Vbat > Vreg(max)
DCMIN
2.1
3.1
3.3
%
LRC Increasing GATE Duty Cycle Rate
Low RPM Mode (fph < f2)
LRC1 at GND, LRC2 at GND
LRC1 Open, LRC2 at GND
LRC1 at GND, LRC2 Open
LRC1 Open, LRC2 Open
High RPM Mode (fph > f2)
R LRC1
R LRC2
R LRC3
R LRC4
RLRC(MAX)
9.31
12.45
18.71
37.42
616
%/s
Ignition Turn OFF Delay (Lamp ON)
TID(OFF)
10.2
ms
Lamp Short Circuit ON Polling Frequency
FLSC
98.6
Hz
Lamp Short Circuit ON Duty Cycle
DCL
1.56
%
Lamp OFF Polling Frequency
FL(OFF)
98.6
Hz
Lamp Polling OFF Duty Cycle
DCL(OFF)
1.56
%
Field Short Circuit ON Polling Frequency
FFSC
98.6
Hz
Field Short Circuit Polling ON Duty Cycle
DCF
1.56
%


Podobny numer części - MCZ33099EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Podobny opis - MCZ33099EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com