Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33291LEG Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MCZ33291LEG
Szczegółowy opis  Eight-Output Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291LEG Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33291LEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291LEG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33291L
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Notes
14.
SPI inputs and outputs operational. Fault status reporting may not be fully operational within this voltage range. Outputs remain
operational somewhat below this VPWR range, but RDS(ON) will increase, causing power dissipation to increase. Outputs will re-
establish their instructed state following a VPWR interruption as long as VDD remains non-interrupted.
15.
This parameter is guaranteed by design, but it is not production tested.
16.
Measured with the RST pin held at a logic high state. Outputs can be OFF or ON or in any combination thereof.
17.
Device incorporates a power-ON reset function. For VDD less than the Undervoltage Lockout Threshold voltage, all data registers are
reset and all outputs are disabled.
18.
Output Fault Detect Threshold with outputs programmed OFF. Output fault detect thresholds are the same for output opens and shorts.
19.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded to be OFF.
Output Clamp Voltage
2.0 mA < IOUT < 200 mA
VOK
45
53
65
V
Output Leakage Current (VDD < 2.0 V)
(20)
IOUT(LKG)
-25
0
25
µA
Overtemperature Shutdown (Outputs OFF) (21)
TLIM
155
180
°C
Overtemperature Shutdown Hysteresis (21)
TLIM(HYS)
10
20
°C
DIGITAL INTERFACE
Input Logic High Voltage (22)
VIH
0.7
1.0
VDD
Input Logic Low Voltage (22)
VIL
0
0.2
VDD
Input Logic Threshold Hysteresis (SCLK, RST, and SFPD) (23)
VI(HYS)
50
100
500
mV
SI Pull-Up Current (SI = 0 V)
ISI
0
10
20
µA
CS
Pull-Up Current (CS = 0 V)
ICS
0
10
20
µA
SCLK Pull-Down Current (SCLK = 5.0 V)
ISCLK
0
10
20
µA
RST
Pull-Down Current (RST = 5.0 V)
IRST
5.0
25
50
µA
SFPD Pull-Down Current (SFPD = 5.0 V)
ISFPD
5.0
10
25
µA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
VDD - 0.4 V VDD - 0.2 V
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS = 0.7 VDD, 0 V < VSO < VDD)
ISOT
-10
0
10
µA
Input Capacitance (0 V < VDD < 5.5 V)
(24)
CIN
12
pF
SO Tn-State Capacitance (0 V < VDD < 5.5 V)
(25)
CSOT
20
pF
Notes
20.
Output leakage current measured with the output OFF and at 16 V.
21.
This parameter is guaranteed by design, but it is not production tested.
22.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, and SFPD inputs.
23.
Hysteresis is characterized, but it is not production tested.
24.
Input capacitance of SI CS, SCLK, RST, and SFPD for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production
tested.
25.
Tri-state capacitance of SO for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MCZ33291LEG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33291LEG FREESCALE-MCZ33291LEG Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MCZ33291LEGR2 FREESCALE-MCZ33291LEGR2 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Podobny opis - MCZ33291LEG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com