Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33291LEGR2 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MCZ33291LEGR2
Szczegółowy opis  Eight-Output Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291LEGR2 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33291LEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33291L
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rise Time (VPWR = 13 V, RL = 26 Ω)
(26)
tr
0.4
5.0
20
µs
Output Fall Time (VPWR = 13 V, RL = 26 Ω)
(26)
tf
0.4
5.0
20
µs
Output Turn-ON Delay Time (VPWR = 13 V, RL = 26 Ω)
(27)
tdly(on)
1.0
15
50
µs
Output Turn-OFF Delay Time (VPWR = 13 V, RL = 26 Ω)
(28)
tdly(off)
1.0
15
50
µs
Output Short Fault Disable Report Delay (29)
SFPD = 0.2 x VDD
tdly(sf)
70
150
250
µs
Output OFF Fault Report Delay (30)
SFPD = 0.2 x VDD
tdly(off)
70
150
250
µs
DIGITAL INTERFACE TIMING
Required Low State Duration for RST (VIL < 0.2 VDD)
(31)
tw(RST)
50
167
ns
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tlead
50
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required for Setup Time)
tlag
50
167
ns
SI to Falling Edge of SCLK (Required for Setup Time)
tSI(su)
25
83
ns
Falling Edge of SCLK to SI (Required for Hold Time)
tSI(hold)
25
83
ns
SO Rise Time (CL = 200 pF)
tr(SO)
25
50
ns
SO Fall Time (CL = 200 pF)
tf(SO)
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (32)
tr(SI)
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (32)
tf(SI)
50
ns
Time from Falling Edge of CS to SO Low Impedance (33)
tSO(en)
110
ns
Time from Rising Edge of CS to SO High Impedance (34)
tSO(dis)
110
ns
Time from Rising Edge of SCLK to SO Data Valid (35)
0.2 VDD ≤ SO ≥ 0.8 VDD, CL = 200 pF
tvalid
65
105
ns
Notes
26.
Output Rise and Fall time respectively measured across a 26
Ω resistive load at 10% to 90% and 90% to 10% voltage points.
27.
Output Turn-ON Delay time measured from 50% rising edge of CS to 90% of Output OFF voltage (VPWR) with RL = 26 Ω resistive load.
28.
Output Turn-OFF Delay time measured from 50% rising edge of CS to 10% of Output OFF voltage (VPWR) with RL = 26 Ω resistive load.
29.
Propagation time of Short Fault Disable Report measured from 50% rising edge of CS to 10% Output OFF voltage (VPWR), VPWR =
6.0 V and SFPD = 2.0 x VDD.
30.
Output OFF Fault Report Delay measured from 50% rising edge of CS to 10% rising edge of Output OFF voltage (VPWR).
31.
RST
Low duration measured with outputs enabled and going to OFF or disabled condition.
32.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
33.
Time required for output status data to be available for use at the SO pin.
34.
Time required for output status data to be terminated at the SO pin.
35.
Time required to obtain valid data out from SO following the rise of SCLK. See Figure 6, page 9.


Podobny numer części - MCZ33291LEGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33291LEGR2 FREESCALE-MCZ33291LEGR2 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Podobny opis - MCZ33291LEGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com