Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33790EG Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MCZ33790EG
Szczegółowy opis  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33790EG Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33790EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33790EG Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33790
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33790 is designed to provide the interface between
logic and the DSI bus. It accepts signals with a typical 0 V to
5.0 V logic level to control the state of the bus output (Idle
Level, Logic High Level, Logic Low Level, and High
Impedance). It detects the current drawn from the bus output
during signaling and outputs a 0 V to 5.0 V logic level
corresponding to the bus current being above (Logic [1] out)
the bus return logic [1] current or below (Logic [0] out). The
33790 contains current limiting of the bus outputs as required
by the DSI Bus specification and thermal shutdown to protect
itself from damage. Two independent DSI bus outputs are
provided by the IC.
FUNCTIONAL TERMINAL DESCRIPTION
Bus Driver and Receiver
The Wave-Shaper converts the 0 V to 5.0 V logic inputs
from DSIxF (frame) and DSIxS (signal) to a wave-shaped
signal on the DSIxO output, as shown in the timing diagrams
in Figure 2, page 2, and the truth table in Table 5. The Bus
Current Sense detects the current being drawn by the
device(s) on the bus during signalling (DSIxF=0). If the
current is above a set level, DSIxR will be high; otherwise, it
is low. Due to the variations in the turnaround time (tTAT) from
slave devices and bus delays, DSIxR should be sampled on
the falling edge of DSIxS and on the rising edge of DSIxF (for
the last return bit).
The current for the idle state is from the supply connected
to VSUP and this supply should not be current limited below
250 mA per channel. During idle state, the voltage on the DSI
bus will be very close to the VSUP voltage.
Internal thermal shutdown circuitry and current limit
individually protect the DSIxO outputs from shorts to battery
and ground.
Typically, the thermal shutdown occurs between 160°C
and 170°C. If the junction temperature rises above this
temperature, the internal TxLIM bit is asserted, and the output
drivers for DSIxO are disabled by the thermal shutdown
circuitry. The output drivers remain off until the junction
temperature decreases below approximately 155°C, at which
time the thermal shutdown circuitry turns off and the outputs
are re-enabled. Each DSIxO output has a unique thermal
sense and shutdown circuit, so a short on one channel does
not affect the other channel.
Charge Pump
The charge pump uses on-board capacitors to step the
input voltage up to the voltage needed to drive the on-board
transmitter FETs. A filter/storage capacitor is connected to
CPCAP to hold the stepped-up voltage.
Input Pullups and Pulldowns
Internal current pullups are used on the DSIxF pins and
pulldowns on the DSIxS pins. If these pins are left
unconnected, their associated DSI bus will go to the unused
(high impedance) state.
Table 5. DSI Bus Truth Table
DSIxF
DSIxS
TxLIM
DSIxR
DSIxO
0
0
0
Not Defined
Low (1.5 V)
0
1
0
Not Defined
High (4.5 V)
0
0
Return Data
Unchanged
X
0
Return Data
Unchanged
1
0
0
0
High Impedance
11
0
0
Idle
≥V
SUP - 0.5 V
X
X
1
1
High Impedance


Podobny numer części - MCZ33790EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Podobny opis - MCZ33790EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com