Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WP7677C2SEC-J Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części WP7677C2SEC-J
Szczegółowy opis  SUPER FLUX LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7677C2SEC-J Arkusz danych(HTML) 2 Page - Kingbright Corporation

  WP7677C2SEC-J Datasheet HTML 1Page - Kingbright Corporation WP7677C2SEC-J Datasheet HTML 2Page - Kingbright Corporation WP7677C2SEC-J Datasheet HTML 3Page - Kingbright Corporation WP7677C2SEC-J Datasheet HTML 4Page - Kingbright Corporation WP7677C2SEC-J Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG8595
REV NO: V.2
DATE: MAY/04/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101018712
Outline Drawings
Absolute Maximum Ratings at TA=25°C
PARAMETER
SE/J
UNITS
DC Forward Current
70
mA
Power dissipation
217
mW
Reverse Voltage
5
V
Operating Temperature
-40 To +85
°
C
Storage Temperature
-55 To +85
°
C
Lead Solder Temperature[1]
260°C For 5 Seconds
1.1.5mm[0.06inch]below seating plane.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Podobny numer części - WP7677C2SEC-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
WP7677C2SURC-G KINGBRIGHT-WP7677C2SURC-G Datasheet
176Kb / 5P
   SUPER FLUX LED LAMP
WP7677C2SURC/G KINGBRIGHT-WP7677C2SURC/G Datasheet
176Kb / 5P
   SUPER FLUX LED LAMP
WP7677C2SYC-J KINGBRIGHT-WP7677C2SYC-J Datasheet
251Kb / 5P
   SUPER FLUX LED LAMP
WP7677C2SYC/J KINGBRIGHT-WP7677C2SYC/J Datasheet
251Kb / 5P
   SUPER FLUX LED LAMP
More results

Podobny opis - WP7677C2SEC-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
WP7677C2ZGC KINGBRIGHT-WP7677C2ZGC Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1QBC-D KINGBRIGHT-WP7679C1QBC-D Datasheet
256Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1VGC-Z KINGBRIGHT-WP7679C1VGC-Z Datasheet
229Kb / 5P
   SUPER FLUX LED LAMP
logo
List of Unclassifed Man...
XSZE983W ETC1-XSZE983W Datasheet
210Kb / 3P
   SUPER FLUX LED LAMP
logo
Kingbright Corporation
WP7677C2SYC-J KINGBRIGHT-WP7677C2SYC-J Datasheet
251Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2QBC-D KINGBRIGHT-WP7678C2QBC-D Datasheet
256Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1SEC-J KINGBRIGHT-WP7679C1SEC-J Datasheet
233Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2VGC-Z KINGBRIGHT-WP7678C2VGC-Z Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7677C2QBC-D KINGBRIGHT-WP7677C2QBC-D Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SEC-J KINGBRIGHT-WP7678C2SEC-J Datasheet
253Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SURC-G KINGBRIGHT-WP7678C2SURC-G Datasheet
167Kb / 5P
   SUPER FLUX LED LAMP
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com