Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33989EGR2 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MCZ33989EGR2
Szczegółowy opis  System Basis Chip with High-Speed CAN Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33989EGR2 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33989EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (VDD1) IN STOP MODE (16)
VDD1 Output Voltage
IDD1 < = 2.0 mA
VDDSTOP
4.75
5.00
5.25
V
VDD1 Output Voltage
IDD1 < = 10 mA
VDDSTOP2
4.75
5.00
5.25
V
IDD1 Stop Output Current to Wake-up SBC
IDD1SWU
10
17
25
mA
IDD1 Over Current to Wake-up Deglitcher Time
(17)
IDD1DGLT
40
55
75
µs
Reset Threshold
RSTSTOP1
4.5
4.6
4.7
V
Reset Threshold
RSTSTOP2
4.1
4.2
4.3
V
Line Regulation (C at VDD1 = 47 µF Tantal)
5.5 V < VSUP < 27 V, IDD = 2.0 mA
LRS
5.0
25
mV
Load Regulation (C at VDD1 = 47 µF Tantal)
1 mA < IDD < 10 mA
LDS
15
75
mV
Max Decoupling Capacitor at VDD1 Pin, in Stop Mode(18)
VDDst-cap
200
µF
TRACKING VOLTAGE REGULATOR (V2) (19)
V2 Output Voltage (C at V2 = 10 µF Tantal)
I2 from 2.0 to 200 mA, 5.5 V < VSUP < 27 V
V2
0.99
1.0
1.01
VDD1
I2 Output Current (for information only)
Depending Upon External Ballast Transistor
I2
200
mA
V2 Control Drive Current Capability
Worst Case at TJ = 125°C
12CTRL
0.0
10
mA
V2LOW Flag Threshold
V2LTH
3.75
4.0
4.25
V
LOGIC OUTPUT PIN (MISO) (20)
Low Level Output Voltage
IOUT = 1.5 mA
VOL
0.0
1.0
V
High Level Output Voltage
IOUT = 250 µA
VOH
VDD1-0.9
VDD1
V
Tri-Stated MISO Leakage Current
0 V < VMISO < VDD
IHZ
-2.0
2.0
µA
Notes
16.
If stop mode is used, the capacitor connected at VDD pin should not exceed the maximum specified by the “VDDst-cap” parameter.
If capacitor value is exceeded, upon entering stop mode, VDD output current may exceed the IDDSWU and prevent the device to stay in
stop mode.
17.
Guaranteed by design; however, it is not production tested.
18.
Guaranteed by design.
19.
V2 specification with external capacitor
- Stability requirement: C > 42 µF and ESR < 1.3
Ω (Tantalum capacitor), external resistor between base and emitter required
- Measurement conditions: Ballast transistor MJD32C, C = 10 µF Tantalum, 2.2 k resistor between base and emitter of ballast transistor
20.
Push/Pull structure with tri-state condition CS high.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MCZ33989EGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33902EF/R2 FREESCALE-MCZ33902EF/R2 Datasheet
651Kb / 31P
   High Speed CAN Interface with Embedded 5.0 V Supply
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK-R2 FREESCALE-MCZ33903B3EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK/R2 FREESCALE-MCZ33903B3EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Podobny opis - MCZ33989EGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com