Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34710EW Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC34710EW
Szczegółowy opis  Dual Output DC-DC & Linear Regulator IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34710EW Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34710EW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34710
MAXIMUM RATINGS
MAXIMUM RATINGS
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Max
Unit
ELECTRICAL RATINGS
Input Power Supply Voltage
IB+ = 0.0 A
VB+
-0.3 to 36
V
Terminal Soldering Temperature (1)
TSOLDER
260
°C
Power Dissipation (2)
PD
3.0
W
ESD Standoff Voltage
Non-Operating, Unbiased, Human Body Model (3)
VESD1
±2000
V
Thermal Resistance
Junction-to-Ambient (4)
Junction-to-Ambient (2)
Junction-to-Exposed-Pad
RθJA
RθJA
RθJC
45
25
2.0
°
C/W
THERMAL RATINGS
Operating Ambient Temperature
TA
0 to 85
°C
Operating Junction Temperature
TJ
0 to 105
°C
Input Power Supply Voltage
IB+ = 0.0 A to 3.0 A
VB+
13 to 32
V
Quiescent Bias Current from B+ (5)
VB+ = 13 V to 32 V
IB+(Q)
7.5
mA
VI/O SWITCHING REGULATOR (6)
Maximum Output Voltage Startup Overshoot (COUT = 330 µF)
Mode0 = 0
Mode0 = Open
VI/O(STARTUP)
5.4
3.6
V
Maximum Output Current
TA = 0°C to 105°C
IVI/O
700
mA
Notes
1. Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
2. With 2.0 in2 of copper heatsink.
3. ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
4. With no additional heatsinking.
5. Maximum quiescent power dissipation is 0.25 W.
6. 13 V ≤ VB+ ≤ 32 V and -20°C ≤ TJ ≤ 145°C unless otherwise noted.


Podobny numer części - MC34710EW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34710EW FREESCALE-MC34710EW Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
MC34710EWR2 FREESCALE-MC34710EWR2 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
More results

Podobny opis - MC34710EW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
   AC-DC Linear Regulator
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
   Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com