Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34710EWR2 Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MC34710EWR2
Szczegółowy opis  Dual Output DC-DC & Linear Regulator IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34710EWR2 Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34710EWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34710EWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34710
STATIC ELECTRICAL CHARACTERISTICS
MODE TERMINALS OPERATING VOLTAGES
Mode Control Terminals Low Voltage
VIL(Moden)
0.825
V
Mode Control Terminals High Voltage
VIH(Moden)
2.6
V
Mode Control Terminals Voltage with Input Floating
VB+ = 13 V to 14 V
VMode(FLOAT)
7.0
8.0
13
V
SUPERVISOR CIRCUITRY (RST, VCORE)
Minimum Function VB+ for Charge Pump and Oscillator Running
VB+(MIN)
9.0
V
Minimum VB+ for RST Assertion, VB+ Rising
VB+(ASSERT)
1.9
2.2
V
RST
Low Voltage
VB+ = 2.0 V, IRST ≤ 5.0 mA
VOL
0.25
0.4
V
RST
VI/O Threshold
VI/O Rising
VI/O Falling
VI/OT+
VI/OT-
VI/O(NOM)
- 300 mV
VI/O(NOM)
- 50 mV
V
RST
Hysteresis for VI/O
VHYSVI/O
10
100
mV
RST
VCORE Threshold
VCORE Rising
VCORE Falling
VCORET+
VCORET-
VCORE(NOM)
- 300 mV
VCORE(NOM)
- 30 mV
V
RST
Hysteresis for VCORE
VB+ = 13 V to 32 V
VHYS CORE
10
50
100
mV
VCORE - VI/O for VCORE Shutdown
VB+ = 13 V to 32 V
VCORE(SHUTDOWN)
0.5
0.9
V
Thermal Shutdown Temperature
TJ Rising
TJ(TSD)
170
°
C
Overtemperature Hysteresis
TJ(HYSTERESIS)
20
°
C
VB CHARGE PUMP
Boost Voltage (11)
VB+ = 12 V, Ivb = 0.5 mA
VB+ = 32 V, Ivb = 0.5 mA
VB
VB
VB+ 8
VB+ 10
VB+ 9
VB+ 12
VB+10
VB+14
V
Notes
11. Bulk capacitor ESR ≤ 10 milliohms
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.75 V ≤ VIO 5.25 V, 13 V VB+ 32 V, and 0°C TJ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC34710EWR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34710EWR2 FREESCALE-MC34710EWR2 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
More results

Podobny opis - MC34710EWR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
   AC-DC Linear Regulator
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
   Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com