Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34923DW Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC34923DW
Szczegółowy opis  Full-Bridge PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34923DW Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34923DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
34923
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Load Supply Voltage
VBB
48
V
Logic Supply Voltage
VDD
7.0
V
Input Voltage
VIN
-0.3 to VDD + 0.3
V
Sense Voltage
VS
0.5
V
Reference Voltage
VREF
2.7
V
Output Current (Note 1)
IOUT
±2.0
A
Storage Temperature
TS
-55 to 150
°C
Ambient Temperature
TA
-20 to 85
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Power Dissipation (TA = 25°C) (Note 2)
PD
1.6 (Note 3)
W
ESD Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
VESD1
VESD2
±2000
±200
V
Lead Soldering Temperature (Note 6)
TSOLDER
260
°C
Thermal Resistance Junction-to-Ambient (Note 2)
RθJA
56
°C/W
Notes
1.
Output current rating may be limited by duty cycle, ambient temperature, and heatsinking. Under any set of conditions, do not exceed the
specified current rating or a junction temperature of 150°C.
2.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
3.
Per SEMI G42-88 specification.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
5.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
Lead soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC34923DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC34923DW MOTOROLA-MC34923DW Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
MC34923DW/R2 MOTOROLA-MC34923DW/R2 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
More results

Podobny opis - MC34923DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com