Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-BT2416C1 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części GS-BT2416C1
Szczegółowy opis  Bluetooth Class 1 Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1 Arkusz danych(HTML) 4 Page - STMicroelectronics

  GS-BT2416C1 Datasheet HTML 1Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 2Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 3Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 4Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
I/O specification
GS-BT2416C1
4/11
2
I/O specification
3
Bluetooth section
Table 3.
DC Input / Output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
Vil
Low level input voltage
3.13 V < VDD < 3.47 V
0.8
V
Vih
High level input voltage
3.13 V < VDD < 3.47 V
2
V
Vhyst
Schmitt trigger hysteresis
3.13 V < VDD < 3.47 V
0.4
V
Vol
Low level output voltage
Io load = pin drive
capability
0.15
V
Voh
High level output voltage
Io load = pin drive
capability
VDD-
0.15
V
Table 4.
Bluetooth section
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
Ptr
Transmission power
3.13V < VDD < 3.47V
16
18
20
dBm
Sens
Sensitivity
3.13V < VDD < 3.47V
-70
dBm
Flim
Frequency limit
3.13V < VDD < 3.47V
2402
2480
MHz
CHs
channel space
1
MHz
Hop
Hopping
1600
hops/
sec
RF ck
RF crystal oscillator
13
MHz
BB ck
Baseband crystal oscillator
GS-BT2416C1
32
kHz
Baseband crystal oscillator
GS-BT2416C1.A
32.768
kHz
Tra
Transmission rate
asyncronous
721
kbits/
sec
Trs
Transmission rate
syncronous
432
kbits/
sec
Iop
Operation current TX Mode
180
mA
Operation current RX Mode
60
mA


Podobny numer części - GS-BT2416C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
GS-BT2416C1AT1 STMICROELECTRONICS-GS-BT2416C1AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
GS-BT2416C1H STMICROELECTRONICS-GS-BT2416C1H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
More results

Podobny opis - GS-BT2416C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
HANAMICRON
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
   Bluetooth V1.2 Class 1 Module
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
logo
List of Unclassifed Man...
BT740 ETC2-BT740 Datasheet
327Kb / 2P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com