Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C1550 Arkusz danych(PDF) 4 Page - Exar Corporation

Numer części ST16C1550
Szczegółowy opis  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1550 Arkusz danych(HTML) 4 Page - Exar Corporation

  ST16C1550_05 Datasheet HTML 1Page - Exar Corporation ST16C1550_05 Datasheet HTML 2Page - Exar Corporation ST16C1550_05 Datasheet HTML 3Page - Exar Corporation ST16C1550_05 Datasheet HTML 4Page - Exar Corporation ST16C1550_05 Datasheet HTML 5Page - Exar Corporation ST16C1550_05 Datasheet HTML 6Page - Exar Corporation ST16C1550_05 Datasheet HTML 7Page - Exar Corporation ST16C1550_05 Datasheet HTML 8Page - Exar Corporation ST16C1550_05 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ST16C1550/51
xr
2.97V TO 5.5V UART WITH 16-BYTE FIFO
REV. 4.2.1
4
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING
TEMPERATURE
RANGE
DEVICE STATUS
ST16C1550CJ28
28-Lead PLCC
0°C to +70°C
Active
ST16C1550CQ48
48-Lead TQFP
0°C to +70°C
Active
ST16C1551CJ28
28-Lead PLCC
0°C to +70°C
Active
ST16C1551CQ48
48-Lead TQFP
0°C to +70°C
Active
ST16C1550IJ28
28-Lead PLCC -40°C to +85°C
Active
ST16C1550IQ48
48-Lead TQFP -40°C to +85°C
Active
ST16C1551IJ28
28-Lead PLCC -40°C to +85°C
Active
ST16C1551IQ48
48-Lead TQFP -40°C to +85°C
Active


Podobny numer części - ST16C1550_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C1550CJ28 EXAR-ST16C1550CJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550CP28 EXAR-ST16C1550CP28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550CQ48 EXAR-ST16C1550CQ48 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550IJ28 EXAR-ST16C1550IJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550IP28 EXAR-ST16C1550IP28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Podobny opis - ST16C1550_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com