Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD3505 Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części LD3505
Szczegółowy opis  35A LUCAS TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

LD3505 Arkusz danych(HTML) 1 Page - Won-Top Electronics

  LD3505 Datasheet HTML 1Page - Won-Top Electronics LD3505 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LD3500 – LD3506
1 of 2
© 2006 Won-Top Electronics
Pb
LD3500 – LD3506
35A LUCAS TYPE PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
Anode
+
!
High Surge Current Capability
!
Typical IR less than 5.0µA
                       C
Mechanical Data
E
D
!
Case: 10mm Lucas Type Press-Fit
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case (Reverse Units Are
B
Available Upon Request and Are Designated
By A “R” Suffix, i.e. LD3502R or LD3504R)
!
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
LD3500 LD3501 LD3502 LD3503 LD3504 LD3505 LD3506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance (Note 2)
RJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
10mm Lucas
Dim
Min
Max
A
10.07
10.16
B
8.20
8.60
C
1.25
1.31
D
26.00
E
9.40
9.60
All Dimensions in mm


Podobny numer części - LD3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
LD3505 WTE-LD3505 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3505 WTE-LD3505 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
More results

Podobny opis - LD3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
   25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
   50A 10mm LUCAS TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com