Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD717WS Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części MMBD717WS
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD717WS Arkusz danych(HTML) 1 Page - Won-Top Electronics

  MMBD717WS Datasheet HTML 1Page - Won-Top Electronics MMBD717WS Datasheet HTML 2Page - Won-Top Electronics MMBD717WS Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD717WS
1 of 3
© 2006 Won-Top Electronics
Pb
MMBD717WS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Low Turn-on Voltage
!
Fast Switching
A
!
PN Junction Guard Ring for Transient and
ESD Protection
!
Designed for Surface Mount Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking: P70
H
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 3
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
MMBD717WS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Forward Continuous Current (Note 1)
IF
200
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
20
V
@ IR = 10µA
Forward Voltage
VF
370
mV
@ IF = 1.0mA, t < 300µs
Reverse Leakage Current
IR
200
nA
@ VR = 10V, t < 300µs
Junction Capacitance
Cj
—2.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—5.0
nS
IF = 10mA through IR = 10mA to
IR = 1.0mA, RL = 100

Note: 1. Device on fiberglass substrate.
WTE
POWER SEMICONDUCTORS
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G


Podobny numer części - MMBD717WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Pan Jit International I...
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS_09 Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS_16 Datasheet
139Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS_R1_00001 PANJIT-MMBD717WS_R1_00001 Datasheet
139Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Podobny opis - MMBD717WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com