Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB230S-T3 Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części SB230S-T3
Szczegółowy opis  2.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB230S-T3 Arkusz danych(HTML) 1 Page - Won-Top Electronics

  SB230S-T3 Datasheet HTML 1Page - Won-Top Electronics SB230S-T3 Datasheet HTML 2Page - Won-Top Electronics SB230S-T3 Datasheet HTML 3Page - Won-Top Electronics SB230S-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB220S – SB2100S
1 of 4
© 2006 Won-Top Electronics
Pb
SB220S – SB2100S
2.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-41, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
220S
SB
230S
SB
240S
SB
250S
SB
260S
SB
280S
SB
2100S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Rectified Output Current
@TL = 100°C
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
0.50
0.70
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
10
mA
Typical Junction Capacitance (Note 2)
Cj
170
140
pF
Typical Thermal Resistance (Note 1)
RJA
45
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Podobny numer części - SB230S-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SB230S EIC-SB230S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB230S VISHAY-SB230S Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
EIC discrete Semiconduc...
SB230S EIC-SB230S Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB230S VISHAY-SB230S Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
SB230S VISHAY-SB230S Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
More results

Podobny opis - SB230S-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com