Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1020CT Arkusz danych(PDF) 4 Page - Won-Top Electronics

Numer części SB1020CT
Szczegółowy opis  10A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1020CT Arkusz danych(HTML) 4 Page - Won-Top Electronics

  SB1020CT Datasheet HTML 1Page - Won-Top Electronics SB1020CT Datasheet HTML 2Page - Won-Top Electronics SB1020CT Datasheet HTML 3Page - Won-Top Electronics SB1020CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB1020CT – SB10100CT
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB1020CT
TO-220
50 Units/Tube
SB1030CT
TO-220
50 Units/Tube
SB1040CT
TO-220
50 Units/Tube
SB1045CT
TO-220
50 Units/Tube
SB1050CT
TO-220
50 Units/Tube
SB1060CT
TO-220
50 Units/Tube
SB1080CT
TO-220
50 Units/Tube
SB10100CT
TO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SB1020CT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Podobny numer części - SB1020CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Won-Top Electronics
SB1020CT WTE-SB1020CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1020CT PACELEADER-SB1020CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
SB1020CT CTC-SB1020CT Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB1020CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB1020FCT WTE-SB1020FCT_06 Datasheet
49Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS1040CTL DIODES-PDS1040CTL_10 Datasheet
108Kb / 5P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 11 - 2
PDS1040CTL DIODES-PDS1040CTL Datasheet
94Kb / 3P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 8 - 2
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com