Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB16150DC Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części SB16150DC
Szczegółowy opis  16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16150DC Arkusz danych(HTML) 1 Page - Won-Top Electronics

  SB16150DC Datasheet HTML 1Page - Won-Top Electronics SB16150DC Datasheet HTML 2Page - Won-Top Electronics SB16150DC Datasheet HTML 3Page - Won-Top Electronics SB16150DC Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB16150DC
1 of 4
© 2006 Won-Top Electronics
Pb
SB16150DC
16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
C
!
Guard Ring Die Construction for
A
J
Transient Protection
!
Low Forward Voltage Drop
!
Low Power Loss, High Efficiency
B
!
High Surge Current Capability
D
E
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
G
Protection Applications
H
                          K
P
P
Mechanical Data
!
Case: D
2PAK/TO-263, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: See Diagram
PIN 1 -
+
!
Weight: 1.7 grams (approx.)
PIN 3 -
Case, PIN 2
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
SB16150DC
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
RMS Reverse Voltage
VR(RMS)
105
V
Average Rectified Output Current
@TC = 90°C
IO
16
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 8.0A
VFM
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance (Note 2)
RJC
2.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
D2 PAK/TO-263
Dim
Min
Max
A
9.80
10.40
B
9.60
10.60
C
4.40
4.80
D
8.50
9.10
E
2.80
G
1.00
1.40
H
—0.90
J
1.20
1.40
K
0.30
0.70
P
2.35
2.75
All Dimensions in mm
PIN 1
2
3


Podobny numer części - SB16150DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB16150DC WTE-SB16150DC Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB16150DC ZSELEC-SB16150DC Datasheet
147Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB16150DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC_06 Datasheet
48Kb / 4P
   16A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT Datasheet
48Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBG1630CT DIODES-SBG1630CT_1 Datasheet
349Kb / 3P
   16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
SBG1630CT DIODES-SBG1630CT Datasheet
45Kb / 2P
   16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. B-2
logo
Won-Top Electronics
SB1620DC WTE-SB1620DC Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB16150F WTE-SB16150F Datasheet
45Kb / 4P
   16A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com