Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2304DS Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części SI2304DS
Szczegółowy opis  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI2304DS Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button SI2304DS Datasheet HTML 4Page - NXP Semiconductors SI2304DS Datasheet HTML 5Page - NXP Semiconductors SI2304DS Datasheet HTML 6Page - NXP Semiconductors SI2304DS Datasheet HTML 7Page - NXP Semiconductors SI2304DS Datasheet HTML 8Page - NXP Semiconductors SI2304DS Datasheet HTML 9Page - NXP Semiconductors SI2304DS Datasheet HTML 10Page - NXP Semiconductors SI2304DS Datasheet HTML 11Page - NXP Semiconductors SI2304DS Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
SI2304DS
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 17 August 2001
9 of 12
9397 750 08526
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
9.
Package outline
Fig 14. SOT23.
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Podobny numer części - SI2304DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2304DS VISHAY-SI2304DS Datasheet
75Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 01-Nov-99
logo
Guangdong Kexin Industr...
SI2304DS KEXIN-SI2304DS Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
Nexperia B.V. All right...
SI2304DS NEXPERIA-SI2304DS Datasheet
372Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01 - 17 August 2001
logo
Guangdong Kexin Industr...
SI2304DS-3 KEXIN-SI2304DS-3 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
SI2304DS-HF KEXIN-SI2304DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Podobny opis - SI2304DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com