Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4420DY Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części SI4420DY
Szczegółowy opis  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI4420DY Arkusz danych(HTML) 3 Page - NXP Semiconductors

  SI4420DY Datasheet HTML 1Page - NXP Semiconductors SI4420DY Datasheet HTML 2Page - NXP Semiconductors SI4420DY Datasheet HTML 3Page - NXP Semiconductors SI4420DY Datasheet HTML 4Page - NXP Semiconductors SI4420DY Datasheet HTML 5Page - NXP Semiconductors SI4420DY Datasheet HTML 6Page - NXP Semiconductors SI4420DY Datasheet HTML 7Page - NXP Semiconductors SI4420DY Datasheet HTML 8Page - NXP Semiconductors SI4420DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Si4420DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 28 May 2001
3 of 12
9397 750 08239
© Philips Electronics N.V. 2001. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of ambient temperature.
Fig 2.
Normalized continuous drain current as a
function of ambient temperature.
Tamb =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa11
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
P
der
T
amb
(
o
C)
(%)
03aa19
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
I
der
T
amb
(
o
C)
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
D
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ae55
10-2
10-1
1
10
102
10-1
1
10
102
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon = VDS/ ID
1 ms
tp = 10 µs
100 µs
tp
tp
T
P
t
T
δ =


Podobny numer części - SI4420DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI4420DY FAIRCHILD-SI4420DY Datasheet
281Kb / 3P
   Single N-Channel Logic Level PowerTrencha MOSFET
logo
Vishay Siliconix
SI4420DY VISHAY-SI4420DY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
logo
International Rectifier
SI4420DY IRF-SI4420DY Datasheet
113Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
SI4420DY-T1-E3 VBSEMI-SI4420DY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
International Rectifier
SI4420DYPBF IRF-SI4420DYPBF Datasheet
119Kb / 8P
   HEXFETPower MOSFET
More results

Podobny opis - SI4420DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com