Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2111 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TSC2111
Szczegółowy opis  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSC2111 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TSC2111 Datasheet HTML 2Page - Texas Instruments TSC2111 Datasheet HTML 3Page - Texas Instruments TSC2111 Datasheet HTML 4Page - Texas Instruments TSC2111 Datasheet HTML 5Page - Texas Instruments TSC2111 Datasheet HTML 6Page - Texas Instruments TSC2111 Datasheet HTML 7Page - Texas Instruments TSC2111 Datasheet HTML 8Page - Texas Instruments TSC2111 Datasheet HTML 9Page - Texas Instruments TSC2111 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise
noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HEADSET MICROPHONE BIAS
Register 1DH/Page 2, D7−D8=00
3.3
Voltage range
Register 1DH/Page 2, D7−D8=01
2.5
V
Voltage range
Register 1DH/Page 2, D7−D8=1X
2
V
217 Hz, 100 mV on AVDD1/2
55
PSRR
217 Hz, 100 mV on BVDD
77
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
1020 Hz, 100 mV on BVDD
77
Sourcing current
Voltage drop <25 mV
5
mA
HANDSET MICROPHONE BIAS
Voltage range
Register 1DH/Page 2, D6=0
2.5
V
Voltage range
Register 1DH/Page 2, D6=1
2
V
PSRR
217 Hz, 100 mV on AVDD1/2
55
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
Sourcing current
Voltage drop <25 mV
5
mA
DAC INTERPOLATION FILTER
Pass band
20
0.45Fs
Hz
Pass band ripple
±0.06
dB
Transition band
0.45Fs
0.55Fs
Hz
Stop band
0.55Fs
7.455Fs
Hz
Stop band attenuation
65
dB
Filter group delay
21/Fs
Sec
De-emphasis error
±0.1
dB
DAC HEADPHONE OUTPUT
Load = 16
Ω (single-ended), 50 pF
Full-scale output voltage (0dB)
0.848
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
85
95
dBA
THD
−1 dBFS Input, 0-dB gain
−80
−60
dB
PSRR
217 Hz, 100 mV on AVDD1/AVDD2(2)
65
dB
PSRR
1020 Hz, 100 mV on AVDD1/AVDD2(2)
65
dB
Interchannel isolation
Coupling from ADC to DAC
100
dB
Mute attenuation
120
dB
Maximum output power
Per channel
44
mW
Digital volume control
−63.5
0
dB
Digital volume control step size
0.5
dB
Channel separation
Between SPK1 and SPK2
−75
dB
(2) DAC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
SPK1 2


Podobny numer części - TSC2111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Podobny opis - TSC2111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com