Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRC4382 Arkusz danych(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części SRC4382
Szczegółowy opis  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382 Arkusz danych(HTML) 4 Page - Burr-Brown (TI)

  SRC4382 Datasheet HTML 1Page - Burr-Brown (TI) SRC4382 Datasheet HTML 2Page - Burr-Brown (TI) SRC4382 Datasheet HTML 3Page - Burr-Brown (TI) SRC4382 Datasheet HTML 4Page - Burr-Brown (TI) SRC4382 Datasheet HTML 5Page - Burr-Brown (TI) SRC4382 Datasheet HTML 6Page - Burr-Brown (TI) SRC4382 Datasheet HTML 7Page - Burr-Brown (TI) SRC4382 Datasheet HTML 8Page - Burr-Brown (TI) SRC4382 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL I/O CHARACTERISTICS
(All I/O Pins Except Line Receivers and Line Driver)
High-Level Input Voltage, VIH
0.7 × VIO
VIO
V
Low-Level Input Voltage, VIL
0
0.3 × VIO
V
High-Level Input Current, IIH
0.5
10
µA
Low-Level Input Current, VIL
0.5
10
µA
High-Level Output Voltage, VOH
IO = –4mA
0.8 × VIO
VIO
V
Low-Level Output Voltage, VOL
IO = +4mA
0
0.2 × VIO
V
Input Capacitance, CIN
3
pF
LINE RECEIVER INPUTS
(RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–)
Voltage across a given
Differential Input Sensitivity, VTH
150
200
mV
differential input pair
Input Hysteresis, VHY
150
mV
LINE DRIVER OUTPUTS
(TX+, TX–)
Differential Output Voltage, VTXO
RL = 110Ω Across TX+ and TX–
5.4
VPP
MASTER CLOCK INPUT
Master Clock Input (MCLK) Frequency, fMCLK
1
27.7
MHz
Master Clock Input (MCLK) Duty Cycle, fMCLKD
45
55
%
ASYNCHRONOUS SAMPLE RATE CONVERTER (SRC)
Input or Output Sampling Rate, fSIN or fSOUT
4
216
kHz
Input-to-Output Sampling Ratio
1:16
16:1
Interchannel Gain Mismatch
0
dB
Interchannel Phase Mismatch
0
Degrees
Dynamic Range (no weighting filter applied)(1)
BW = 22Hz to fSOUT/2,
f = 997Hz at –60dBFS
fSIN:fSOUT = 12kHz:192kHz
125
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
125
dB
fSIN:fSOUT = 44.1kHz:48kHz
125
dB
fSIN:fSOUT = 44.1kHz:96kHz
125
dB
fSIN:fSOUT = 44.1kHz:192kHz
125
dB
fSIN:fSOUT = 48kHz:44.1kHz
125
dB
fSIN:fSOUT = 48kHz:48kHz
125
dB
fSIN:fSOUT = 48kHz:96kHz
125
dB
fSIN:fSOUT = 48kHz:192kHz
125
dB
fSIN:fSOUT = 96kHz:44.1kHz
125
dB
fSIN:fSOUT = 96kHz:48kHz
125
dB
fSIN:fSOUT = 96kHz:96kHz
125
dB
fSIN:fSOUT = 96kHz:192kHz
125
dB
fSIN:fSOUT = 192kHz:12kHz
125
dB
fSIN:fSOUT = 192kHz:44.1kHz
125
dB
fSIN:fSOUT = 192kHz:48kHz
125
dB
fSIN:fSOUT = 192kHz:96kHz
125
dB
fSIN:fSOUT = 192kHz:192kHz
125
dB
(1)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another. A-weighted dynamic range specifications will be improved by approximately 2dB to 3dB when compared to the results without
A-weighting applied.
4
Submit Documentation Feedback


Podobny numer części - SRC4382

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SRC4382 TI1-SRC4382 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Podobny opis - SRC4382

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com