Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF2D-T3 Arkusz danych(PDF) 3 Page - Won-Top Electronics

Numer części UF2D-T3
Szczegółowy opis  2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF2D-T3 Arkusz danych(HTML) 3 Page - Won-Top Electronics

  UF2D-T3 Datasheet HTML 1Page - Won-Top Electronics UF2D-T3 Datasheet HTML 2Page - Won-Top Electronics UF2D-T3 Datasheet HTML 3Page - Won-Top Electronics UF2D-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF2A – UF2K
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
3,000
340 x 337 x 45
6,000
370 x 370 x 420
48,000
14.0
inches(mm)
Product ID Label
Direction of Unreeling
12mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
Cathode
= Polarity Band
WTE
= Manufacturer’s Logo
UF2x
= Device Number
x
= A, B, D, G, J or K
WT E
UF2x
0.050 MIN
(1.27 MIN)
0.082 MIN
(2.10 MIN)
0.106 MAX
(2.65 MAX)
330mm
12mm
8mm


Podobny numer części - UF2D-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
UF2D-T3 WTE-UF2D-T3 Datasheet
51Kb / 3P
   2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Podobny opis - UF2D-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF200G ZSELEC-UF200G Datasheet
90Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
HER201G ZSELEC-HER201G Datasheet
110Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
S2A WTE-S2A_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com