Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1010 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA1010
Szczegółowy opis  6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1010 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA1010 Datasheet HTML 1Page - NXP Semiconductors TDA1010 Datasheet HTML 2Page - NXP Semiconductors TDA1010 Datasheet HTML 3Page - NXP Semiconductors TDA1010 Datasheet HTML 4Page - NXP Semiconductors TDA1010 Datasheet HTML 5Page - NXP Semiconductors TDA1010 Datasheet HTML 6Page - NXP Semiconductors TDA1010 Datasheet HTML 7Page - NXP Semiconductors TDA1010 Datasheet HTML 8Page - NXP Semiconductors TDA1010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
November 1982
5
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
10 W audio power amplifier in mains-fed applications
TDA1010A
D.C. CHARACTERISTICS
A.C. CHARACTERISTICS
Tamb = 25 °C; VP = 14,4 V; RL = 4 Ω; f = 1 kHz unless otherwise specified; see also Fig.3.
Supply voltage range
VP
6 to 24 V
Repetitive peak output current
IORM
<3
A
Total quiescent current at VP = 14,4 V
Itot
typ.
31
mA
A.F. output power (see Fig.4) at dtot = 10%;
measured at pin 2; with bootstrap
VP = 14,4 V; RL = 2 Ω (note 1)
Po
typ.
6,4 W
VP = 14,4 V; RL = 4 Ω (note 1 and 2)
Po
>
5,9 W
typ.
6,2 W
VP = 14,4 V; RL = 8 Ω (note 1)
Po
typ.
3,4 W
VP = 14,4 V; RL = 4 Ω; without bootstrap
Po
typ.
5,7 W
VP = 14,4 V; RL = 2 Ω; with additional bootstrap resistor of 220 Ω between pins 3 and 4 Po
typ.
9
W
Voltage gain
preamplifier (note 3)
Gv1
typ.
24
dB
21 to 27 dB
power amplifier
Gv2
typ.
30
dB
27 to 33 dB
total amplifier
Gv tot
typ.
54
dB
51 to 57 dB
Total harmonic distortion at Po = 1 W
dtot
typ.
0,2 %
Efficiency at Po = 6 W
η
typ.
75
%
Frequency response (
−3 dB)
B
80 Hz to 15 kHz
Input impedance
preamplifier (note 4)
 Z
i
typ.
30
k
20 to 40 k
power amplifier (note 5)
 Zi
typ.
20
k
14 to 26 k
Output impedance of preamplifier; pin 7 (note 5)
 Zo
typ.
20
k
14 to 26 k
Output voltage preamplifier (r.m.s. value)
dtot < 1% (pin 7) (note 3)
Vo(rms) >
0,7 V
Noise output voltage (r.m.s. value; note 6)
RS = 0 Ω
Vn(rms) typ.
0,3 mV
RS = 8,2 kΩ
Vn(rms) typ.
0,7 mV
<
1,4 mV
Ripple rejection at f = 1 kHz to 10 kHz (note 7)
RR
>
42
dB
at f = 100 Hz; C2 = 1
µF
RR
>
37
dB
Sensitivity for Po = 5,8 W
Vi
typ.
10
mV
Bootstrap current at onset of clipping; pin 4 (r.m.s. value)
I4(rms)
typ.
30
mA


Podobny numer części - TDA1010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA1010A ETC-TDA1010A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

Podobny opis - TDA1010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com