Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5532ACPZ-WP Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADL5532ACPZ-WP
Szczegółowy opis  20 MHz to 500 MHz IF Gain Blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5532ACPZ-WP Arkusz danych(HTML) 3 Page - Analog Devices

  ADL5532ACPZ-WP Datasheet HTML 1Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 2Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 3Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 4Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5532ACPZ-WP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADL5532
Rev. PrD 5/07 | Page 3 of 8
SPECIFICATIONS
ADL5532 VPOS = 5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
500
MHz
Gain vs. Frequency
± 50 MHz. Center Frequency = 190 MHz or 380 MHz
±0.12
dB
Input Return Loss (S11)
30 MHz to 500 MHz
-10
dB
Output Return Loss (S22)
30 MHz to 500 MHz
-10
dB
FREQUENCY = 70 MHz
Gain
16.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
19.7
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
39.1
dBm
Noise Figure
3.0
dB
FREQUENCY = 190 MHz
Gain
15.8
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
19.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
38.5
dBm
Noise Figure
3.0
dB
FREQUENCY = 380 MHz
Gain
15.5
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
19.6
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
35.6
dBm
3.5
dB
POWER INTERFACE
Pins RFOUT,Vcc
Supply Voltage
4.75
5
5.25
V
Supply Current
95
mA
vs. Temp
−40°C ≤ TA ≤ +85°C
104
mA
Power Dissipation
VPOS = 5V
475
mW


Podobny numer części - ADL5532ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530 Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530-EVAL AD-ADL5530-EVAL Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
More results

Podobny opis - ADL5532ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
   20 MHz to 500 MHz IF Gain Block
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
   20 MHz to 500 MHz IF Gain Block
Rev. PrD 5/07
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. 0
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
   20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
   20 MHz to 500 MHz Dual IF Amplifier
ADL5536 AD-ADL5536_17 Datasheet
337Kb / 14P
   20 MHz to 1.0 GHz IF Gain Block
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
logo
API Technologies Corp
MR104 APITECH-MR104 Datasheet
112Kb / 1P
   RF/LO: 6.0 to 18.0 GHz IF: 20 to 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com