Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1305T Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA1305T
Szczegółowy opis  Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1305T Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA1305T Datasheet HTML 4Page - NXP Semiconductors TDA1305T Datasheet HTML 5Page - NXP Semiconductors TDA1305T Datasheet HTML 6Page - NXP Semiconductors TDA1305T Datasheet HTML 7Page - NXP Semiconductors TDA1305T Datasheet HTML 8Page - NXP Semiconductors TDA1305T Datasheet HTML 9Page - NXP Semiconductors TDA1305T Datasheet HTML 10Page - NXP Semiconductors TDA1305T Datasheet HTML 11Page - NXP Semiconductors TDA1305T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1995 Dec 08
8
Philips Semiconductors
Preliminary specification
Stereo 1fs data input up-sampling filter with
bitstream continuous dual DAC (BCC-DAC2)
TDA1305T
Mute
Soft mute is controlled by the MUSB at pin 9. When the
input is active LOW the value of the samples is decreased
smoothly to zero following a cosine curve. To step down
the value of the data 32 coefficients are used, each one
being used 31 times before stepping onto the next. When
MUTE is released (pin 19 = HIGH), the samples are
returned to the full level again following a cosine curve with
the same coefficients being used in the reverse order.
Mute is synchronized to prevent operation in the middle of
a word.
De-emphasis
A digital de-emphasis is implemented for three sample
rates (32, 44.1 and 48 kHz). By selecting DEEM1 and
DEEM2 de-emphasis can be applied by means of a FIR
filter. Time constants of the de-emphasis are 50
µs and
15
µs. De-emphasis is synchronized to prevent operation
in the middle of a word. The de-emphasis deviation from
ideal 50
µs and 15 µs de-emphasis is given in Table 4.
Table 2
De-emphasis.
Attenuation
Attenuation is controlled by the ATSB input (pin 21). When
the input is active LOW the sample is multiplied by a
coefficient that provides 12 dB attenuation. If the input is
HIGH the multiplication factor is 1. Attenuation is
synchronized to prevent operation in the middle of a word.
Double-speed mode
Double speed is controlled by the DSMB input (pin 20).
When the input is active LOW the device operates in the
double-speed mode.
DEEM1
DEEM2
CONDITION
0
0
de-emphasis disabled
0
1
de-emphasis for fs = 32 kHz
1
0
de-emphasis for fs = 4.1 kHz
1
1
de-emphasis for fs = 48 kHz
Oversampling filter (normal-speed mode)
In the normal-speed mode the oversampling filter
consists of:
• A 91st order half-band low-pass FIR filter which
increases the oversampling rate from 1 time to 2 times.
• A 23rd order quarter band low-pass FIR filter which
increases the oversampling rate from 2 times to 8 times.
• A linear interpolation section which increases the
oversampling rate to 16 times. This removes the
spectral components around 8fs.
• A sample-and-hold section which provides another
6 times oversampling to 96 times. The zero-order hold
characteristic of this sample-and-hold section plus the
1st order analog filtering remove the spectral
components around 16fs.
Pass-band ripple and stop-band attenuation for
normal-speed are given in Table 3.
Oversampling filter (double-speed mode)
In the double-speed mode the oversampling filter
consists of:
• A 51st order half-band low-pass FIR filter which
increases the oversampling rate from 1 time to 2 times.
• A 7th order half-band low-pass FIR filter which
increases the oversampling rate from 2 times to 4 times.
• A linear interpolation section which increases the
oversampling rate to 8 times. This removes the spectral
components around 4fs.
• A sample-and-hold section which provides another
6 times oversampling to 48 times. The zero-order hold
characteristic of this sample-and-hold section plus the
1st order analog filtering remove the spectral
components around 8fs.
Pass-band ripple and stop-band attenuation for
double-speed are given in Table 3.


Podobny numer części - TDA1305T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

Podobny opis - TDA1305T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com