Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1312 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA1312
Szczegółowy opis  Stereo continuous calibration DAC CC-DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1312 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA1312 Datasheet HTML 1Page - NXP Semiconductors TDA1312 Datasheet HTML 2Page - NXP Semiconductors TDA1312 Datasheet HTML 3Page - NXP Semiconductors TDA1312 Datasheet HTML 4Page - NXP Semiconductors TDA1312 Datasheet HTML 5Page - NXP Semiconductors TDA1312 Datasheet HTML 6Page - NXP Semiconductors TDA1312 Datasheet HTML 7Page - NXP Semiconductors TDA1312 Datasheet HTML 8Page - NXP Semiconductors TDA1312 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
July 1993
5
Philips Semiconductors
Preliminary specification
Stereo continuous calibration
DAC (CC-DAC)
TDA1312A; TDA1312AT
PINNING
SYMBOL
PIN
DESCRIPTION
BCK
1
bit clock input
DATAR
2
right data input
DATAL
3
left data input
GND
4
ground
VDD
5
positive supply voltage
VOL
6
left channel output
VOR
7
right channel output
WS
8
word select input
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MGE224
TDA1312
TDA1312AT
WS
VOR
DATAR
VOL
VDD
GND
DATAL
BCK
FUNCTIONAL DESCRIPTION
The basic operation of the continuous calibration DAC is
illustrated in Fig.3. The figure shows the calibration and
operation cycle. During calibration of the MOS current
source (Fig.3a) transistor M1 is connected as a diode by
applying a reference current. The voltage Vgs on the
intrinsic gate-source capacitance Cgs of M1 is then
determined by the transistor characteristics. After
calibration of the drain current to the reference value Iref,
the switch S1 is opened and S2 is switched to the other
position (Fig.3b). The gate-to-source voltage Vgs of M1 is
not changed because the charge on Cgs is preserved.
Therefore, the drain current of M1 will still be equal to IREF
and this exact duplicate of IREF is now available at the OUT
terminal.
The 32 current sources and the spare current source of the
TDA1312A; AT are continuously calibrated (see Fig.1).
The spare current source is included to allow continuous
converter operation. The output of one calibrated source is
connected to an 11-bit binary current divider consisting of
2048 transistors. A symmetrical offset decoding principle
is incorporated and arranges the bit switching in such a
way that the zero-crossing is performed only by switching
the LSB currents.
The TDA1312A; AT (CC-DAC) accepts serial input data
formats of 16-bit word length. Left and right data words are
time multiplexed. The most significant bit (bit 1) must
always be first. The input data format is shown in Figs.4
and 5.
Data is placed in the right and left input registers (see
Fig.1). The data in the input registers is simultaneously
latched in the output registers which control the bit
switches.
An internal offset voltage VOFF is added to the full scale
output voltage VFS; VOFF and VFS are proportional to VDD:
Where VDD1/VDD2 = VFS1/VFS2 = VOFF1/VOFF2.


Podobny numer części - TDA1312

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Podobny opis - TDA1312

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com