Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1388TZ Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1388TZ
Szczegółowy opis  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388TZ Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1388TZ Datasheet HTML 1Page - NXP Semiconductors TDA1388TZ Datasheet HTML 2Page - NXP Semiconductors TDA1388TZ Datasheet HTML 3Page - NXP Semiconductors TDA1388TZ Datasheet HTML 4Page - NXP Semiconductors TDA1388TZ Datasheet HTML 5Page - NXP Semiconductors TDA1388TZ Datasheet HTML 6Page - NXP Semiconductors TDA1388TZ Datasheet HTML 7Page - NXP Semiconductors TDA1388TZ Datasheet HTML 8Page - NXP Semiconductors TDA1388TZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1995 Dec 08
2
Philips Semiconductors
Objective specification
Bitstream continuous calibration
filter-DAC for CD-ROM audio
TDA1388T
FEATURES
Multiple format input interface
• I2S-bus and LSB-justified input format compatible
• 1fs input format data rate.
Extensive channel manipulation features
• Separate soft mute on left and right channel
• Channel interchange function (left to right and right to
left)
• Monaural function (left to right or right to left)
• True mono function (left plus right)/2.
Digital sound processing
• Separate digital volume control for left and right
channels
• Digital tone control, bass boost and treble
• dB-linear volume and tone control (low microcontroller
load)
• Digital de-emphasis
• Soft mute.
Advanced audio output configuration
• Stereo line output (under microcontroller volume
control)
• Stereo headphone output (under 5-tap potentiometer
volume control)
• Line output independent of headphone output volume
• Power on/off click prevention circuitry
• High linearity, dynamic range, low distortion.
General
• Integrated digital filter plus DAC plus headphone driver
• No analog post filter required
• Easy application
• Functions controllable by static pins or by
microcontroller interface
• 5 V power supply
• Low power consumption
• Small package size (SO28 and SSOP28).
GENERAL DESCRIPTION
The TDA1388T CMOS digital-to-analog bitstream
convertor incorporates an up-sampling digital filter and
noise shaper, unique signal processing features and
integrated line and headphone drivers. The digital
processing features are of high sound quality due to the
wide dynamic range of the bitstream conversion
technique.
The TDA1388T supports the I2S-bus data input mode with
word lengths of up to 20 bits and the LSB justified serial
data input format with word lengths of 16, 18 and 20 bits.
Two cascaded half-band filters and a sample-and-hold
function increase the oversampling rate from 1fs to 64fs.
A 2nd-order noise shaper converts this oversampled data
to a bitstream for the 5-bit continuous calibration
digital-to-analog convertors (DACs).
On board amplifiers convert the output current to a voltage
signal capable of driving a line output. The signal is also
used to feed the integrated headphone amplifiers. The
volume of the headphone is controlled by an external
potentiometer.
The TDA1388T has special sound processing features for
use in CD-ROM audio applications, which can be
controlled by static pins or microcontroller interface. These
functions are de-emphasis, volume, bass boost, treble,
soft mute and the channel manipulation functions needed
for ATAPI-compliant functionality in CD-ROM audio
processing.


Podobny numer części - TDA1388TZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Podobny opis - TDA1388TZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com