Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1519CTD Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA1519CTD
Szczegółowy opis  22WBTL or 2 x 11Wstereo power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519CTD Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA1519CTD Datasheet HTML 1Page - NXP Semiconductors TDA1519CTD Datasheet HTML 2Page - NXP Semiconductors TDA1519CTD Datasheet HTML 3Page - NXP Semiconductors TDA1519CTD Datasheet HTML 4Page - NXP Semiconductors TDA1519CTD Datasheet HTML 5Page - NXP Semiconductors TDA1519CTD Datasheet HTML 6Page - NXP Semiconductors TDA1519CTD Datasheet HTML 7Page - NXP Semiconductors TDA1519CTD Datasheet HTML 8Page - NXP Semiconductors TDA1519CTD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Mar 08
4
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
BLOCK DIAGRAM
Fig.1 Block diagram.
MGL491
handbook, full pagewidth
60
k
input
reference
voltage
power
ground
(substrate)
+
+
5
signal
ground
2
7
9
6
183
18.1 k
3
TDA1519C
15 k
15 k
VA
VA
Cm
mute switch
power stage
60
k
standby
reference
voltage
mute
reference
voltage
1
NINV
RR
INV
OUT2
M/SS
OUT1
GND1
GND2
VP
4
8
183
18.1 k
VA
Cm
mute switch
power stage
+
mute
switch
standby
switch
× 1
VP
The pin numbers refer to the TDA1519C and TDA1519CSP.


Podobny numer części - TDA1519CTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1519CTD NXP-TDA1519CTD Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results

Podobny opis - TDA1519CTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
   Power Amplifier 2 x 15W
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com