Zakładka z wyszukiwarką danych komponentów |
|
SN74LVTH574NSR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74LVTH574NSR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 23 page SN54LVTH574, SN74LVTH574 3.3V ABT OCTAL EDGETRIGGERED DTYPE FLIPFLOPS WITH 3STATE OUTPUTS SCBS688G − MAY 1997 − REVISED SEPTEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54LVTH574 SN74LVTH574 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.7 V, II = −18 mA −1.2 −1.2 V VCC = 2.7 V to 3.6 V, IOH = −100 µA VCC−0.2 VCC−0.2 VOH VCC = 2.7 V, IOH = −8 mA 2.4 2.4 V VOH VCC = 3 V IOH = −24 mA 2 V VCC = 3 V IOH = −32 mA 2 VCC = 2.7 V IOL = 100 µA 0.2 0.2 VCC = 2.7 V IOL = 24 mA 0.5 0.5 VOL IOL = 16 mA 0.4 0.4 V VOL VCC = 3 V IOL = 32 mA 0.5 0.5 V VCC = 3 V IOL = 48 mA 0.55 IOL = 64 mA 0.55 Control inputs VCC = 0 or 3.6 V, VI = 5.5 V 10 10 II Control inputs VCC = 3.6 V, VI = VCC or GND ±1 ±1 A II Data inputs VCC = 3.6 V VI = VCC 1 1 µA Data inputs VCC = 3.6 V VI = 0 −5 −5 Ioff VCC = 0, VI or VO = 0 to 4.5 V ±100 µA VCC = 3 V VI = 0.8 V 75 75 II(hold) Data inputs VCC = 3 V VI = 2 V −75 −75 µA II(hold) Data inputs VCC = 3.6 V‡, VI = 0 to 3.6 V ±500 µA IOZH VCC = 3.6 V, VO = 3 V 5 5 µA IOZL VCC = 3.6 V, VO = 0.5 V −5 −5 µA IOZPU VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = don’t care ±100* ±100 µA IOZPD VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = don’t care ±100* ±100 µA VCC = 3.6 V, Outputs high 0.19 0.19 ICC VCC = 3.6 V, IO = 0, V = V or GND Outputs low 5 5 mA ICC IO = 0, VI = VCC or GND Outputs disabled 0.19 0.19 mA ∆ICC§ VCC = 3 V to 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND 0.2 0.2 mA Ci VI = 3 V or 0 3 3 pF Co VO = 3 V or 0 7 7 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested. † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. § This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. |
Podobny numer części - SN74LVTH574NSR |
|
Podobny opis - SN74LVTH574NSR |