Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1551Q Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1551Q
Szczegółowy opis  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1551Q Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1551Q Datasheet HTML 1Page - NXP Semiconductors TDA1551Q Datasheet HTML 2Page - NXP Semiconductors TDA1551Q Datasheet HTML 3Page - NXP Semiconductors TDA1551Q Datasheet HTML 4Page - NXP Semiconductors TDA1551Q Datasheet HTML 5Page - NXP Semiconductors TDA1551Q Datasheet HTML 6Page - NXP Semiconductors TDA1551Q Datasheet HTML 7Page - NXP Semiconductors TDA1551Q Datasheet HTML 8Page - NXP Semiconductors TDA1551Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
July 1994
2
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
FEATURES
• Requires very few external components
• Flexible in use - quad, single ended or stereo BTL
• I2C-bus control
• Dynamic distortion detector
• Thermal protection
• Output status information
• Power supply dip detection
• High output power
• MUTE/sleep mode by writing to I2C-bus
• Stand-by mode
• Fixed gain
• Good ripple rejection
• Load dump protection
• AC/DC short circuit safe to ground and VP
• Reverse polarity safe
• Low offset voltage at output
• Capable of handling high energy at outputs (VP = 0 V)
• Electrostatic discharge protection
• No switch-ON/switch-OFF plop
• Flexible leads
• Low thermal resistance
• Identical inputs (inverting and non-inverting).
DESCRIPTION
The TDA1551Q is an integrated class-B output amplifier
encased in a 17-lead single-in-line plastic power package.
The device contains 4
× 11 W single-ended (SE) or 2 × 22
W BTL amplifiers and is intended for use in car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT243-1; 1996 September 06.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage range
operating
6
14.4
18
V
VP
supply voltage
non-operating
−−
30
V
IP
total quiescent current
80
160
mA
Quad-single-ended application
Po
output power
RL = 4 Ω; THD = 10 %
6
W
RL = 2 Ω; THD = 10 %
11
W
Vno
output voltage noise
RS = 0 Ω−
50
−µV
Stereo BTL application
Po
output power
RL = 4 Ω; THD = 10 %
22
W
Vno
output voltage noise
RS = 0 Ω−
70
−µV
∆V
o
DC output offset voltage
−−
100
mV
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1551Q
17
SIL bent to DIL
plastic
SOT243R(1)


Podobny numer części - TDA1551Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Podobny opis - TDA1551Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com